Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF7610 Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7610
Description  Advanced MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7610 Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF7610 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF7610 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF7610
©Silikron Semiconductor CO.,LTD.
2014.01.17
Version : 1.0
page 6 of 8
www.silikron.com
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
A
4.400
4.550
4.700
0.173
0.179
0.185
A1
1.270
1.300
1.330
0.050
0.051
0.052
A2
2.240
2.340
2.440
0.088
0.092
0.096
b
-
1.270
-
-
0.050
-
b1
1.270
1.370
1.470
0.050
0.054
0.058
b2
0.750
0.800
0.850
0.030
0.031
0.033
C
0.480
0.500
0.520
0.019
0.020
0.021
D
15.100
15.400
15.700
0.594
0.606
0.618
D1
8.800
8.900
9.000
0.346
0.350
0.354
D2
2.730
2.800
2.870
0.107
0.110
0.113
E
9.900
10.000
10.100
0.390
0.394
0.398
E1
-
8.700
-
-
0.343
-
Ф
P
3.570
3.600
3.630
0.141
0.142
0.143
Ф
P1
1.400
1.500
1.600
0.055
0.059
0.063
e
e1
L
13.150
13.360
13.570
0.518
0.526
0.534
L1
L2
2.900
3.000
3.100
0.114
0.118
0.122
L3
1.650
1.750
1.850
0.065
0.069
0.073
L4
0.900
1.000
1.100
0.035
0.039
0.043
Q1
5
0
7
0
9
0
5
0
7
0
9
0
Q2
5
0
7
0
9
0
5
0
7
0
9
0
Q3
5
0
7
0
9
0
5
0
7
0
9
0
Q4
1
0
3
0
5
0
1
0
3
0
5
0
0.2BSC
7.35REF
0.29REF
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
5.08BSC
TO220 PACKAGE OUTLINE DIMENSION_GN


Similar Part No. - SSF7610

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7604 SILIKRON-SSF7604 Datasheet
534Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF7604 GOOD-ARK-SSF7604 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF7607 SILIKRON-SSF7607 Datasheet
515Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF7609 SILIKRON-SSF7609 Datasheet
616Kb / 8P
   Advanced MOSFET process technology
More results

Similar Description - SSF7610

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com