Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW50N10 Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW50N10
Description  N-channel TO-220 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW50N10 Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW50N10 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW50N10 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW50N10 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW50N10 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW50N10 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 11. Switching time test circuit & waveform
Fig. 12. Unclamped Inductive switching test circuit & waveform
5/5
SAMWIN
SW50N10
Fig. 13. Peak diode recovery dv/dt test circuit & waveform
V
DD
Same type
as DUT
V
DS
L
R
G
10V
GS
I
S
+
-
V
DS
DUT
*. dv/dt controlled by RG
*. Is controlled by pulse period
V
GS (DRIVER)
I
S (DUT)
V
DS (DUT)
Body diode forward voltage drop
V
F
Diode recovery dv/dt
I
RM
di/dt
10V
Diode reverse current
V
DD


Similar Part No. - SW50N10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW50N06 ETC1-SW50N06 Datasheet
594Kb / 6P
   N-Channel MOSFET
logo
Thinki Semiconductor Co...
SW50N06 THINKISEMI-SW50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SW50N06 VBSEMI-SW50N06 Datasheet
981Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW50N06A SEMIPOWER-SW50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SW50N06A SEMIPOWER-SW50N06A Datasheet
576Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
More results

Similar Description - SW50N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW75N08 SEMIPOWER-SW75N08 Datasheet
391Kb / 5P
   N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
   N-channel TO-220 MOSFET
SW210N04A SEMIPOWER-SW210N04A Datasheet
572Kb / 5P
   N-channel TO-220 MOSFET
SW100N10A SEMIPOWER-SW100N10A Datasheet
534Kb / 5P
   N-channel TO-220 MOSFET
SW100N10B SEMIPOWER-SW100N10B Datasheet
547Kb / 5P
   N-channel TO-220 MOSFET
SW120N04M SEMIPOWER-SW120N04M Datasheet
771Kb / 5P
   N-channel TO-220 MOSFET
SW150N10A SEMIPOWER-SW150N10A Datasheet
564Kb / 5P
   N-channel TO-220 MOSFET
SW740U SEMIPOWER-SW740U Datasheet
389Kb / 5P
   N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
   N-channel TO-220 MOSFET
SW210N75 SEMIPOWER-SW210N75 Datasheet
747Kb / 5P
   N-channel TO-220 MOSFET
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
   N-channel TO-220 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com