Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW50CPF06 Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW50CPF06
Description  DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW50CPF06 Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW50CPF06 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.2.0
DYNAMIC RECOVERY CHARACTERISTICS (TJ= 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
rrm
Peak recovery current
I
F=50A, di/dt=200A/us,
V
R =100V
5.9
A
T
rr
Reverse recovery time
59
ns
Q
rr
Reverse recovery Charge
190
nC
SAMWIN
2/4
SW50CPF06
THERMAL - MECHANICAL SPECIFICATIONS
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case (Per Leg)
0.57
oC/W
R
thjc
Thermal resistance, Junction to case (Per Package)
0.62
oC/W
R
thja
Thermal resistance, Junction to ambient(Per Leg)
35.5
oC/W
R
thja
Thermal resistance, Junction to ambient(Per Package)
34.3
oC/W
Fig. 1. Typical Forward Voltage
Drop Characteristics
Fig. 2. Typical Values of Reverse
Current vs. Reverse Voltage
Fig. 3. Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4. Max. Thermal Impedance Z
thJC Characteristics (Per Leg)


Similar Part No. - SW50CPF06

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
   How to Use This Catalog
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
List of Unclassifed Man...
SW50N06 ETC1-SW50N06 Datasheet
594Kb / 6P
   N-Channel MOSFET
More results

Similar Description - SW50CPF06

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com