Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32537B1106J000 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32537B1106J000
Description  Metallized Polyester Film Capacitors (MKT-S)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32537B1106J000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32537B1106J000 Datasheet HTML 6Page - TDK Electronics B32537B1106J000 Datasheet HTML 7Page - TDK Electronics B32537B1106J000 Datasheet HTML 8Page - TDK Electronics B32537B1106J000 Datasheet HTML 9Page - TDK Electronics B32537B1106J000 Datasheet HTML 10Page - TDK Electronics B32537B1106J000 Datasheet HTML 11Page - TDK Electronics B32537B1106J000 Datasheet HTML 12Page - TDK Electronics B32537B1106J000 Datasheet HTML 13Page - TDK Electronics B32537B1106J000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Ordering codes and packing units
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
630
200
0.033
7.4
× 18.5
B32537B8333+000
200
0.047
7.4
× 18.5
B32537B8473+000
200
0.068
8.4
× 21.0
B32537B8683+000
200
0.10
9.4
× 21.0
B32537B8104+000
80
0.15
9.4
× 21.0
B32537B8154+000
80
0.22
11.7
× 21.0
B32537B8224+000
80
0.33
12.7
× 21.0
B32537B8334+000
80
0.47
13.7
× 21.0
B32537B8474+000
80
0.68
12.7
× 34.0
B32537B8684+000
80
1.0
15.7
× 34.0
B32537B8105+000
80
1.5
17.7
× 34.0
B32537B8155+000
80
2.2
20.7
× 34.0
B32537B8225+000
80
3.3
25.7
× 34.0
B32537B8335+000
80
4.7
29.7
× 34.0
B32537B8475+000
80
B32537
High reliability (wound)
Page 6 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537B1106J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537B1106 EPCOS-B32537B1106 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32537B1106J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32538 EPCOS-B32538 Datasheet
142Kb / 9P
   Metallized Polyester Film Capacitors (MKT-S)
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com