Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW20N60U Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N60U
Description  N-channel TO-3P MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N60U Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N60U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 11. Switching time test circuit & waveform
Fig. 12. Unclamped Inductive switching test circuit & waveform
5/5
SAMWIN
SW20N60U
Fig. 13. Peak diode recovery dv/dt test circuit & waveform
V
DD
Same type
as DUT
V
DS
L
R
G
10V
GS
I
S
+
-
V
DS
DUT
*. dv/dt controlled by RG
*. Is controlled by pulse period
V
GS (DRIVER)
I
S (DUT)
V
DS (DUT)
Body diode forward voltage drop
V
F
Diode recovery dv/dt
I
RM
di/dt
10V
Diode reverse current
V
DD


Similar Part No. - SW20N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N60 SEMIPOWER-SW20N60 Datasheet
741Kb / 7P
   N-channel Power MOSFET
More results

Similar Description - SW20N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
   N-channel TO-3P MOSFET
SW22N60U SEMIPOWER-SW22N60U Datasheet
623Kb / 5P
   N-channel TO-3P MOSFET
logo
Foshan Blue Rocket Elec...
BRP50N20 FOSHAN-BRP50N20 Datasheet
870Kb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
BRU20N90 FOSHAN-BRU20N90 Datasheet
1Mb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
IRFP3205 FOSHAN-IRFP3205 Datasheet
1Mb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
logo
Xian Semipower Electron...
SW740U SEMIPOWER-SW740U Datasheet
389Kb / 5P
   N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
   N-channel TO-220 MOSFET
SW210N75 SEMIPOWER-SW210N75 Datasheet
747Kb / 5P
   N-channel TO-220 MOSFET
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
   N-channel TO-220 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com