Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP708S Datasheet(PDF) 2 Page - Exar Corporation

Part # SP708S
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP708S Datasheet(HTML) 2 Page - Exar Corporation

  SP708S Datasheet HTML 1Page - Exar Corporation SP708S Datasheet HTML 2Page - Exar Corporation SP708S Datasheet HTML 3Page - Exar Corporation SP708S Datasheet HTML 4Page - Exar Corporation SP708S Datasheet HTML 5Page - Exar Corporation SP708S Datasheet HTML 6Page - Exar Corporation SP708S Datasheet HTML 7Page - Exar Corporation SP708S Datasheet HTML 8Page - Exar Corporation SP708S Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
2/16
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCC .......................................................... -0.3V to 6.0V
All Other Inputs (Note 1)...................-0.3V to (VCC+0.3V)
Input Current
VCC .................................................................20mA
GND ................................................................20mA
Output Current (All outputs) ...............................20mA
ESD Rating (HBM - Human Body Model) .................... 2kV
Continuous Power Dissipation
SO (derate 5.88mW/°C above +70°C)...............471mW
Mini SO (derate 4.10mW/°C above +70°C) ........330mW
Storage Temperature ..............................-65°C to 160°C
Lead Temperature (Soldering, 10 sec) ....................300°C
ELECTRICAL SPECIFICATIONS
Unless otherwise indicated, VCC = 2.7V to 5.5V (SP70xR), VCC = 3.15V to 5.5V (SP70xS), VCC = 3.0V to 5.5V (SP70xT), TA=
TMIN to TMAX, typical at 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Voltage Range VCC
1.0
5.5
V
Supply Current ISUPPLY
25
40
µA
MR=VCC or floating, WDI floating
Reset Threshold
2.55
2.63
2.70
V
SP706R. SP708R
2.85
2.93
3.00
SP706S. SP708S
3.00
3.08
3.15
SP706T. SP708T
Reset Threshold Hysteresis
20
mV
Note 2
Reset Pulse Width tRS
140
200
280
ms
Note 2
RESET Output Voltage
V
VOH
0.8xVCC
VRST(MAX)<VCC<3.6V, ISOURCE=500µA
VOL
0.3
VRST(MAX)<VCC<3.6V, ISINK=1.2mA
VOH
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VOL
0.4
4.5V<VCC<5.5V, ISINK=3.2mA
RESET Output Voltage
V
VOH
VCC-0.6
VRST(MAX)<VCC<3.6V, ISOURCE=215µA
VOL
0.3
VRST(MAX)<VCC<3.6V, ISOURCE=1.2mA
VOH
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VOL
0.4
4.5V<VCC<5.5V, ISOURCE=3.2mA
Watchdog Timeout Period tWD
1.00
1.60
2.25
s
VCC<3.6V
WDI Pulse Width tWP (note 1)
50
ns
VIL=0.4V, VIH=0.8xVCC
WDI Input Threshold
V
VIL
0.6
VRST(MAX)<VCC<3.6V
VIH
0.7xVCC
VRST(MAX)<VCC<3.6V
VIL
0.8
VCC=5V
VIH
3.5
VCC=5V
WDI Input Current
-1
0.02
1
µA
WDI=0V or WDI=VCC
WDO Output Voltage
V
VIL
0.8xVCC
VRST(MAX)<VCC<3.6V, ISOURCE=500µA
VIH
0.3
VRST(MAX)<VCC<3.6V, ISINK=1.2mA
VIL
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VIH
0.4
4.5V<VCC<5.5V, ISINK=3.2mA
MR Pull-up Current
25
70
250
µA
MR = 0V, VRST(MAX)<VCC<3.6V
100
250
600
MR = 0V, 4.5V<VCC<5.5V


Similar Part No. - SP708S

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP708S SIPEX-SP708S Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S SIPEX-SP708S Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP708SCN SIPEX-SP708SCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP708S

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com