Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP708S Datasheet(PDF) 10 Page - Exar Corporation

Part # SP708S
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP708S Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP708S Datasheet HTML 6Page - Exar Corporation SP708S Datasheet HTML 7Page - Exar Corporation SP708S Datasheet HTML 8Page - Exar Corporation SP708S Datasheet HTML 9Page - Exar Corporation SP708S Datasheet HTML 10Page - Exar Corporation SP708S Datasheet HTML 11Page - Exar Corporation SP708S Datasheet HTML 12Page - Exar Corporation SP708S Datasheet HTML 13Page - Exar Corporation SP708S Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
10/16
Rev. 2.0.0
FEATURES
The
SP706R/S/T
and
SP708R/S/T
series
provides four key functions:
1. A reset output during power-up, power-
down and brownout conditions.
2. An independent watchdog output that goes
LOW if the watchdog input has not been
toggled within 1.6 seconds.
3. A 1.25V threshold detector for power-fail
warning, low battery detection, or monitoring
a power supply other than +3.3V/+3.0V.
4. An active-LOW manual-reset that allows
RESET to be triggered by a pushbutton switch.
The SP706R/S/T devices are the same as the
SP708R/S/T devices except for the active-
HIGH RESET substitution of the watchdog
timer.
THEORY OF OPERATION
The
SP706R/S/T-SP708R/S/T
series
is
a
microprocessor (µP) supervisory circuit that
monitors the power supplied to digital circuits
such as microprocessors, microcontrollers, or
memory. The series is an ideal solution for
portable, battery-powered equipment that
requires
power
supply
monitoring.
Implementing this series will reduce the
number of components and overall complexity.
The watchdog functions of this product family
will continuously oversee the operational
status of a system. The operational features
and benefits of the SP706R/S/T-SP708R/S/T
series are described in more detail below.
RESET OUTPUT
A microprocessor's reset input starts the µP in
a known state. The SP706R/S/T-SP708R/S/T
series asserts reset during power-up and
prevents code execution errors during power
down or brownout conditions.
On power-up, once VCC reaches 1V, RESET is a
guaranteed logic LOW of 0.4V or less. As VCC
rises, RESET stays LOW. When VCC rises above
the reset threshold, an internal timer releases
RESET after 200ms. RESET pulses LOW
whenever VCC dips below the reset threshold,
such as in a brownout condition. When a
brownout condition occurs in the middle of a
previously initiated reset pulse, the pulse
continues for at least another 140ms. On
power down, once VCC falls below the reset
threshold,
RESET
stays
LOW
and
is
guaranteed to be 0.4V or less until VCC drops
below 1V.
The active-HIGH RESET output is simply the
complement of the RESET output and is
guaranteed to be valid with VCC down to 1.1V.
Some µPs, such as Intel's 80C51, require an
active-HIGH reset pulse.
WATCHDOG TIMER
The SP706R/S/T-SP708R/S/T watchdog circuit
monitors the µP's activity. If the µP does not
toggle the watchdog input (WDI) within 1.6
seconds and WDI is not tri-stated, WDO goes
LOW. As long as RESET is asserted or the WDI
input is tri-stated, the watchdog timer will stay
cleared and will not count. As soon as RESET
is released and WDI is driven HIGH or LOW,
the timer will start counting. Pulses as short as
50ns can be detected.
Typically, WDO will be connected to the non-
maskable interrupt input (NMI) of a µP. When
VCC drops below the reset threshold, WDO will
go LOW whether or not the watchdog timer
had timed out. Normally this would trigger an
NMI but RESET goes LOW simultaneously and
thus overrides the NMI.
If WDI is left unconnected, WDO can be used
as a low-line output. Since floating WDI
disables the internal timer, WDO goes LOW
only when VCC falls below the reset threshold,
thus functioning as a low-line output.
Fig. 18: Watchdog Timing Waveforms


Similar Part No. - SP708S

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP708S SIPEX-SP708S Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S SIPEX-SP708S Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP708SCN SIPEX-SP708SCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP708S

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com