Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW60H65DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 3 Page - STMicroelectronics

  STGW60H65DF Datasheet HTML 1Page - STMicroelectronics STGW60H65DF Datasheet HTML 2Page - STMicroelectronics STGW60H65DF Datasheet HTML 3Page - STMicroelectronics STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STGW60H65DF
Electrical characteristics
Doc ID 023011 Rev 4
3/13
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 60 A
1.9
V
VGE = 15 V, IC = 60 A
TJ = 150 °C
2.1
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
6.0
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 650 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
7150
345
125
-
pF
pF
pF
Qg
Total gate charge
VCC = 520 V, IC = 60 A,
VGE = 15 V
-206
-
nC
Qge
Gate-emitter charge
-
60
-
nC
Qgc
Gate-collector charge
-
70
-
nC
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
-
67
46
1043
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
TJ = 150 °C
-
64
49
990
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
-
41
165
34
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V
TJ = 150 °C
-
49
169
78
-
ns
ns
ns


Similar Part No. - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
   Low thermal resistance
April 2015 Rev 7
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results

Similar Description - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
STGW60H65DRF STMICROELECTRONICS-STGW60H65DRF Datasheet
2Mb / 13P
   60 A, 650 V field stop trench gate IGBT with Ultrafast diode
April 2013 Rev 6
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
   650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
logo
ON Semiconductor
FGH60T65SHD ONSEMI-FGH60T65SHD Datasheet
677Kb / 9P
   IGBT - Field Stop, Trench 650 V, 60 A
December, 2020 ??Rev. 3
FGH60T65SQD-F155 ONSEMI-FGH60T65SQD-F155 Datasheet
560Kb / 10P
   IGBT - Field Stop, Trench 650 V, 60 A
November, 2019 ??Rev. 3
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
   Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
AFGY100T65SPD ONSEMI-AFGY100T65SPD Datasheet
252Kb / 9P
   Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
July, 2020 ??Rev. 0
logo
STMicroelectronics
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com