Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-156HF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS-156HF
Description  Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS-156HF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS-156HF Datasheet HTML 1Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 2Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 3Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 4Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 5Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 6Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 7Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 8Page - List of Unclassifed Manufacturers MS-156HF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
MS-156C Series
Halogen Free
NEW
2010.11
sFeatures
1. Low insertion loss
0.15 dB typical at 2.5 GHz (not mated with the plug).
0.2 dB typical at 6 GHz (not mated with the plug).
0.4 dB typical at 11 GHz (not mated with the plug).
2. Space-saving design
2.3 mm x 2.3 mm occupied board space.
3. Low profile
1.35 mm protrusion above the board.
4. Lightweight
0.014 g. total weight
5. Durability
100 mating/unmating cycles, with corresponding plug.
6. Performs over a wide frequency range
Applicable frequencies range over a wide band,
from DC to 11 GHz.
7. Board placement with automatic equipment
Packaged on tape-and-reel. Also available with a
vacuum pick-up cap over each switch.
8. Halogen Free
Chlorine, and bromine are not used in the receptacles.
*Definition according to IEC 61249-2-21.
Br 900 ppm max., Cl 900 ppm max., and Br + Cl 1500
ppm max.
sOverview
Developed for inspection of high frequency
circuits used in portable terminals.Verification of
the circuit performance is accomplished by simply
inserting the external plug in the board mounted
receptacle.This action re-directs the circuit from
normal condition to the plug side. Removing the
plug restores circuit to its normal condition.
MS-156C
Space-saving design
Low profile -1.35 mm protrusion above the board.
Lightweight -0.014 g. total weight.
Comparison with the existing MS-156HF
qFootprint
MS-156HF
MS-156C
qHeight
qWeight
2.7
2.3
27% saving of space
0.025g
0.014g
15% lower profile
44% lighter weight
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - MS-156HF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-156 HIROSE-MS-156 Datasheet
581Kb / 8P
   Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz
MS-156-088LP-H1 HIROSE-MS-156-088LP-H1 Datasheet
1Mb / 12P
   Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
MS-156-088LP-H2 HIROSE-MS-156-088LP-H2 Datasheet
1Mb / 12P
   Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
MS-156-C(LP)-1 HIROSE-MS-156-C(LP)-1 Datasheet
1Mb / 12P
   Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
MS-156-CLP-1 HIROSE-MS-156-CLP-1 Datasheet
581Kb / 8P
   Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz
More results

Similar Description - MS-156HF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-156C HIROSE-MS-156C_17 Datasheet
1Mb / 12P
   Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
MS-180 HIROSE-MS-180 Datasheet
381Kb / 8P
   Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
MS-156 HIROSE-MS-156 Datasheet
581Kb / 8P
   Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz
MS-162B HIROSE-MS-162B Datasheet
349Kb / 8P
   Miniature Interface Coaxial Switch, DC to 10 GHz
logo
Micronetics, Inc.
EL0036 MICRONETICS-EL0036 Datasheet
150Kb / 2P
   High Power Limiters 1.25 GHz to 1.35 GHz
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
   DC TO 1 GHz, COAXIAL
6802 APITECH-6802 Datasheet
110Kb / 3P
   DC TO 2, 4 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
DC3C-A1AA ETC2-DC3C-A1AA Datasheet
595Kb / 4P
   DC subminiature switch
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com