Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5156-5.0BN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5156-5.0BN
Description  Super LDO Regulator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156-5.0BN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5156-5.0BN Datasheet HTML 1Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 2Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 3Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 4Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 5Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 6Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 7Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 8Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC5156/5157/5158
Micrel, Inc.
MIC5156/5157/5158
4
August 2005
Electrical Characteristics(Note 5)
VDD = 5V, VEN = 5V; TA = 25°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD
Supply Voltage
3
36
V
IDD(ON)
Supply Current MIC5156
Operating, VEN = 5V
2.7
10
mA
IDD(OFF)
Shutdown, VEN = 0V
0.1
5
µA
IDD(ON)
Supply Current MIC5157/8
Operating, VEN = 5V
4.5
10
mA
IDD(OFF)
Shutdown, VEN = 0V
0.1
5
µA
VIH
Enable Input Threshold
High
2.4
1.3
V
VIL
Low
1.3
0.8
V
EN IB
Enable Input Bias Current
VEN = 2.4V
20
25
µA
VCP
Max. Charge Pump Voltage
VCP – VDD, VDD > 10V
17.5
18.5
V
fCP
Charge Pump Frequency
160
kHz
VOUT MAX Maximum Gate Drive Voltage
VSOURCE = 0V
(MIC5157/8)
VDD = 3.5V
5
7.0
9
V
VDD = 5V
9
11.3
15
V
VDD = 12V
24
28
30
V
VOUT MIN Minimum Gate Drive Voltage
VSOURCE > VOUT(NOM)
1.0
V
VLIM
Current Limit Threshold
VDD – VD @ ILIM
28
35
42
mV
VS
Source Voltage
Short G (gate) to (S) source,
Note 4
MIC5156-3.3
3.267
3.3
3.333
V
MIC5156-5.0
4.950
5.0
5.050
V
MIC5157, 3.3V pin to S pin (3.3V config.)
3.250
3.3
3.350
V
MIC5157, 5V pin to S pin (5V config.)
4.950
5.0
5.050
V
MIC5157, VDD = 7V, (12V config.)
11.70
12
12.30
V
MIC5158, 5VFB pin to EA pin (5V config.)
4.925
5.0
5.075
V
VBG
Bandgap Reference Voltage
MIC5156 [adjustable] and MIC5158
1.222
1.235
1.248
V
VLR
Output Voltage Line Regulation
5V < VDD < 15V, VOUT = 3.3V
2
7
mV
VGS MAX
Gate to Source Clamp
14
16.6
20
V
VFT
Flag Comparator Threshold
% of nominal VSOURCE
92
%
VFH
Flag Comparator Hysteresis
% of nominal VSOURCE
3
%
VSAT
Flag Comparator Sat. Voltage
IFLAG = 1mA
0.09
0.2
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. Test configuration. External MOSFET not used.
Note 5. Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Supply Input (VDD).......................................................+38V
Enable Input (VEN) ..........................................–0.3V to 36V
Gate Output (VG) MIC5156 .........................................+55V
Charge Pump Node (VCP) MIC5157/8 ........................+55V
Source Connection (VS) ...................................1.3 to +36V
Flag (VFLAG) ....................................................–0.3 to +40V
Storage Temperature (TS) ........................ –65°C to +150°C
Lead Temperature (soldering 10 sec.)....................... 300°C
Operating Ratings (Note 2)
Ambient Temperature Range (TA)
MIC515xBM/BN...................................... –40°C to +85°C
Junction Temperature (TJ)....................................... +150°C
Thermal Resistance (θJA)
Package
MIC5156
MIC5157/8
DIP................................ 100°C/W ..................... 90°C/W
SOIC............................. 160°C/W ................... 120°C/W


Similar Part No. - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
More results

Similar Description - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com