Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5156-5.0BN Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5156-5.0BN
Description  Super LDO Regulator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156-5.0BN Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5156-5.0BN Datasheet HTML 5Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 6Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 7Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 8Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 9Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 10Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 11Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 12Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
August 2005
9
MIC5156/5157/5158
MIC5156/5157/5158
Micrel, Inc.
Adjustable Configurations
Micrel’s MIC5156 [adjustable] and MIC5158 require an ex-
ternal resistive divider to set the output voltage from 1.235V
to 36V. For best results, use a 10kΩ resistor for R2. See
equation (1) and figure (2).
1)
R1 = 1 × 104
(
- 1
)
VOUT
1.235
GND
S
EA*
MIC5157/8
R1
R2
10k
VOUT
G
Figure 2. Typical Resistive Divider
Input Filter Capacitor
TheSuperLDOrequiresaninputbypasscapacitorforaccom-
modating wide changes in load current and for decoupling
the error amplifier and charge pump.Amedium to large value
low-ESR (equivalent series resistance) capacitor is best,
mounted close to the device.
Output Filter Capacitor
An output filter capacitor may be used to reduce ripple and
improve load regulation. Stable operation does not require
a large capacitor, but for transient load regulation the size of
the output capacitor may become a consideration. Common
aluminumelectrolyticcapacitorsperformnicely;verylow-ESR
capacitors are not necessary. Increased capacitance (rather
than reduced ESR) is preferred. The capacitor value should
be large enough to provide sufficient I = C × dV/dt current
consistent with the required transient load regulation quality.
Foragivenstepincreaseinloadcurrent,theoutputvoltagewill
drop by about dV = I × dt/C, where I represents the increase
in load current over time t. This relationship assumes that
all output current was being supplied via the MOSFET pass
device prior to the load increase. Small (0.01µF to 10µF) film
capacitors parallel to the load will further improve response
to transient loads.
Somelinearregulatorsspecifyaminimumrequiredoutputfilter
capacitance because the capacitor determines the dominant
pole of the system, and thereby stabilizes the system. This
is not the situation for the MIC5156/7/8; its dominant pole is
determined within its error amplifier.
GND
S
EA
MIC5157
or
MIC5158
G
VIN
Figure 1b. Connections for Adjustable Output
GND
MIC5156
G
VIN
EA
* Optional 16V zener diode
recommended in applications
whereVG is greater than 18V
*
Figure 1c. MIC5156 Connections for
Adjustable Output
MOSFET Gate-to-Source Protection
WhenusingtheadjustableversionoftheMIC5156,anexternal
16V zener diode placed from gate-to-source is recommended
for MOSFET protection. All other versions of the Super LDO
regulator controller use the internal gate-to-source clamp.
Output Voltage Configuration
Fixed Configurations
The MIC5156-3.3 and MIC5156-5.0 are preset for 3.3V and
5.0V respectively.
TheMIC5157operatesat3.3Vwhenthe3.3Vpinisconnected
to the S (source) pin; 5.0V when the 5.0V pin is connected to
the S pin; or 12V if the 3.3V and 5.0V pins are open.
The MIC5158 operates at a fixed 5V (without an external
resistive divider) if the 5VFB pin is connected to EA.


Similar Part No. - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
More results

Similar Description - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com