Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD2N60C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD2N60C
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N60C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD2N60C Datasheet HTML 1Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 2Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 3Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 4Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 5Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 6Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 7Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 8Page - Fairchild Semiconductor FQD2N60C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, October 2003
QFETTM
FQD2N60C / FQU2N60C
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction, electronic lamp ballasts
based on half bridge topology.
Features
• 1.9A, 600V, RDS(on) = 4.7Ω @VGS = 10 V
• Low gate charge ( typical 8.5 nC)
• Low Crss ( typical 4.3 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
* When mounted on the minimum pad size recommended (PCB Mount)
Symbol
Parameter
FQD2N60C / FQU2N60C
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
1.9
A
- Continuous (TC = 100°C)
1.14
A
IDM
Drain Current
- Pulsed
(Note 1)
7.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
1.9
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C)*
2.5
W
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.87
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient*
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
GS
D
GS
D


Similar Part No. - FQD2N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
617Kb / 9P
   600V N-Channel MOSFET
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
logo
Kersemi Electronic Co.,...
FQD2N60C KERSEMI-FQD2N60C Datasheet
842Kb / 8P
   N-Channel QFET MOSFET
logo
Fairchild Semiconductor
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
863Kb / 9P
   600V N-Channel MOSFET
More results

Similar Description - FQD2N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com