Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C4V3S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84C4V3S
Description  DUAL 200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C4V3S Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C4V3S Datasheet HTML 1Page - Diodes Incorporated BZX84C4V3S Datasheet HTML 2Page - Diodes Incorporated BZX84C4V3S Datasheet HTML 3Page - Diodes Incorporated BZX84C4V3S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX84C2V4S - BZX84C39S
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage
Range (Note 5)
Maximum Zener Impedance
(Note 6)
Maximum Reverse
Current (Note 5)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
mV/
°C
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
Ω
Ω
mA
uA
V
Min
Max
BZX84C2V4S
KZB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7S
KZC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0S
KZD
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3S
KZE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6S
KZF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9S
KZG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3S
KZH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7S
KZ1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1S
KZ2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6S
KZ3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
-2.5
BZX84C6V2S
KZ4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8S
KZ5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5S
KZ6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2S
KZ7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1S
KZ8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10S
KZ9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11S
KY1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12S
KY2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13S
KY3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15S
KY4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16S
KY5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18S
KY6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20S
KY7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22S
KY8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24S
KY9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27S
KYA
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30S
KYB
30
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33S
KYC
33
31.0
35.0
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36S
KYD
36
34.0
38.0
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39S
KYE
39
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. f = 1KHz.
T , AMBIENT TEMPERATURE, (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
0
100
200
0
10
20
30
40
50
0
123
4
56
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
BZX84C2V4S - BZX84C39S
Document number: DS30108 Rev. 17 - 2
2 of 4
www.diodes.com
May 2008
© Diodes Incorporated


Similar Part No. - BZX84C4V3S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C4V3S DIODES-BZX84C4V3S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
BZX84C4V3S DIODES-BZX84C4V3S Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
BZX84C4V3S DIODES-BZX84C4V3S Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
BZX84C4V3S-7-F DIODES-BZX84C4V3S-7-F Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
logo
SEMTECH ELECTRONICS LTD...
BZX84C4V3SEW SEMTECH_ELEC-BZX84C4V3SEW Datasheet
445Kb / 2P
   BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results

Similar Description - BZX84C4V3S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
AZ23C5V6W DIODES-AZ23C5V6W_1 Datasheet
77Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 7 - 2
BZX84C2V4S DIODES-BZX84C2V4S_08 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
AZ23C5V6W DIODES-AZ23C5V6W Datasheet
60Kb / 2P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 2 - 2
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com