Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7262NUX-TR Datasheet(PDF) 4 Page - Rohm

Part # BU7262NUX-TR
Description  Input/Output Full Swing Input/Output Full Swing
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262NUX-TR Datasheet(HTML) 4 Page - Rohm

  BU7262NUX-TR Datasheet HTML 1Page - Rohm BU7262NUX-TR Datasheet HTML 2Page - Rohm BU7262NUX-TR Datasheet HTML 3Page - Rohm BU7262NUX-TR Datasheet HTML 4Page - Rohm BU7262NUX-TR Datasheet HTML 5Page - Rohm BU7262NUX-TR Datasheet HTML 6Page - Rohm BU7262NUX-TR Datasheet HTML 7Page - Rohm BU7262NUX-TR Datasheet HTML 8Page - Rohm BU7262NUX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/43
18.Apr.2014 Rev.003
TSZ22111・15・001
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Absolute Maximum Ratings
(TA=25℃)
Parameter
Symbol
Rating
Unit
BU7261G
BU7262xxx
BU7264xx
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note 1,7)
-
-
W
SOP8
-
0.55
(Note 2,7)
-
MSOP8
-
0.47
(Note 3,7)
-
VSON008X2030
-
0.41
(Note 4,7)
-
SOP14
-
-
0.45
(Note 5,7)
SSOP-B14
0.70
(Note 6,7)
Differential Input
Voltage
(Note 8)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS - 0.3) to (VDD + 0.3)
V
Input Current
(Note 9)
II
±10
mA
Operating Supply
Voltage
Vopr
+1.8 to +5.5
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction
Temperature
TJmax
+125
°C
(Note 1)
To use at temperature above TA=25C reduce 5.4mW/°C.
(Note 2)
To use at temperature above TA=25C reduce 5.5mW/°C.
(Note 3)
To use at temperature above TA=25C reduce 4.7mW/°C.
(Note 4)
To use at temperature above TA=25C reduce 4.1mW/°C.
(Note 5)
To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 6)
To use at temperature above TA=25C reduce 7.0mW/°C.
(Note 7)
Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 8)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input pin voltage is set to more than VSS.
(Note 9)
An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - BU7262NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7262NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com