Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSWAXX Datasheet(PDF) 2 Page - OptoSupply International

Part # OSWAXX
Description  Long life, easy installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWAXX Datasheet(HTML) 2 Page - OptoSupply International

  OSWAXX Datasheet HTML 1Page - OptoSupply International OSWAXX Datasheet HTML 2Page - OptoSupply International OSWAXX Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model No.
OSWAXX
REV.
C5
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
OSWAR5
Red
625±5nm
350 mcd
OSWAO5
Orange
605±5nm
350 mcd
OSWAY5
Yellow
590±5nm
350 mcd
OSWAG5
Green
525±5nm
1120 mcd
OSWAB5
Blue
470±5nm
400 mcd
OSWAW5
White
X=0.27 ; Y=0.28
1900 mcd
OSWAM5
Warm White
X=0.45 ; Y=0.41
1250 mcd
OSWAK5
Pink
X=0.45 ; Y=0.17
380 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
600
mA
Power Dissipation
Pa
8.4
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
4.8
8.4
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
400
600
mA
Beam Pattern
BP
-
120
-
Deg
LED Quantity of Every Meter
OTY
-
60
-
PCS
Total Length of Modules
Lmod.
-
1000
-
mm
Net Weight
Wei.
---
60
---
g
LED & Application Technologies
2


Similar Part No. - OSWAXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWAB5 OPTOSUPPLY-OSWAB5 Datasheet
247Kb / 3P
   LED Waterproof Light
OSWAD479X1B OPTOSUPPLY-OSWAD479X1B Datasheet
118Kb / 1P
   High Luminous LEDs
OSWAG5 OPTOSUPPLY-OSWAG5 Datasheet
247Kb / 3P
   LED Waterproof Light
OSWAK5 OPTOSUPPLY-OSWAK5 Datasheet
247Kb / 3P
   LED Waterproof Light
OSWAM5 OPTOSUPPLY-OSWAM5 Datasheet
247Kb / 3P
   LED Waterproof Light
More results

Similar Description - OSWAXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
   Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
   Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
   Long life, easy installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
   Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
   Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
   Long life, easy installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
   Long life, easy Installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
   Long life, easy installation
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
   Long life, easy Installation
SAD12-XXX28B31F OPTOSUPPLY-SAD12-XXX28B31F Datasheet
51Kb / 3P
   Long life, easy installation
OSCBXX OPTOSUPPLY-OSCBXX Datasheet
72Kb / 4P
   Long life, easy installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com