Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

172673-2005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 172673-2005
Description  7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 5 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

172673-2005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  172673-2005 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
172673-2005
Status:
Active
Overview:
Super Sabre™ Connector System
Description:
7.50mm Pitch Super Sabre™ Plug Crimp Housing, UL 94V-0, 5 Circuits
Documents:
Drawing (PDF)
Packaging Specification PK-43680-001 (PDF)
Product Specification PS-171825-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
172673
Application
Power, Wire-to-Board, Wire-to-Wire
Overview
Super Sabre™ Connector System
Product Name
Super Sabre™
UPC
889056025997
Physical
Circuits (maximum)
5
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
7.525/g
Number of Rows
1
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
7.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
34A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43680-001
Product Specification
PS-171825-001
Sales Drawing
SD-172673-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
172673Series
Mates With
172672 Super Sabre™ Receptacle Crimp
Housing
Use With
171826 Super Sabre™ Male Crimp Terminal
This document was generated on 10/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 172673-2005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172673-2002 MOLEX11-172673-2002 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
172673-2003 MOLEX11-172673-2003 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 3 Circuits
172673-2004 MOLEX11-172673-2004 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 4 Circuits
172673-2006 MOLEX11-172673-2006 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre??Plug Crimp Housing, UL 94V-0, 6 Circuits
More results

Similar Description - 172673-2005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172672-2005 MOLEX11-172672-2005 Datasheet
33Kb / 1P
   7.50mm Pitch Super Sabre??Receptacle Crimp Housing, UL 94V-0, 5 Circuits
1726722005 MOLEX1-1726722005 Datasheet
38Kb / 1P
   7.50mm Pitch Super Sabre Receptacle Crimp Housing, UL 94V-0, 5 Circuits
172673-2002 MOLEX11-172673-2002 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
172673-2003 MOLEX11-172673-2003 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 3 Circuits
172673-2006 MOLEX11-172673-2006 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre??Plug Crimp Housing, UL 94V-0, 6 Circuits
1726732005 MOLEX1-1726732005 Datasheet
36Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
1726732006 MOLEX1-1726732006 Datasheet
36Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
1726732002 MOLEX1-1726732002 Datasheet
36Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
172673-2004 MOLEX11-172673-2004 Datasheet
32Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 4 Circuits
1726732004 MOLEX1-1726732004 Datasheet
36Kb / 1P
   7.50mm Pitch Super Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com