Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF4607D Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4607D
Description  Advanced trench MOSFET process technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4607D Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF4607D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 9Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SSF4607D
©Silikron Semiconductor CO.,LTD.
2011.03.22
Version : 1.0
page 2 of 9
www.silikron.com
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-30
V
VGS = 0V, ID = -250μA
RDS(on)
Static Drain-to-Source on-resistance
19
35
VGS=-10V,ID = -6A
29
58
VGS=-4.5V,ID=-5A
VGS(th)
Gate threshold voltage
-1.2
-2.4
V
VDS = VGS, ID = -250μA
-1.4
TJ = 125℃
IDSS
Drain-to-Source leakage current
-1
μA
VDS = -24V,VGS = 0V
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
27
nC
ID = -20A,
VDS=-25V,
VGS = -10V
Qgs
Gate-to-Source charge
3.6
Qgd
Gate-to-Drain("Miller") charge
9.1
td(on)
Turn-on delay time
10.7
nS
VGS=-10V, VDS =-15V,
RL=0.75Ω,ID =-20A
tr
Rise time
39
td(off)
Turn-Off delay time
25.8
tf
Fall time
6.4
Ciss
Input capacitance
1188
pF
VGS = 0V,
VDS =-15V,
ƒ = 1MHz
Coss
Output capacitance
173
Crss
Reverse transfer capacitance
139
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
-25
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
-100
A
V
SD
Diode Forward Voltage
-0.77
-1
V
IS=-1A, VGS=0V
trr
Reverse Recovery Time
23
nS
TJ = 25°C, IF =-20A, di/dt =
100A/μs
Qrr
Reverse Recovery Charge
14
nC


Similar Part No. - SSF4607D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4607D GOOD-ARK-SSF4607D Datasheet
1Mb / 8P
   30V P-Channel MOSFET
SSF4607D GOOD-ARK-SSF4607D_15 Datasheet
1Mb / 8P
   30V P-Channel MOSFET
More results

Similar Description - SSF4607D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com