Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU120-110 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU120-110
Description  AC/DC Switching Power Supply for I.T.E.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU120-110 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU120-110 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU120-110 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU120-110 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSBU120 Series
120 Watt, Open Frame
Single, Dual, and Triple Outputs
AC/DC Switching Power Supply for I.T.E.
Rev A
MODEL SELECTION TABLES
SINGLE OUTPUT MODELS
Model Number
Preset Voltage
Output Voltage Range
Output Current Range
Total Regulation
Max Output Power
PSSBU120-101
3 VDC
3 ~ 5 VDC
22.00 ~ 20.00A
5%
100W
PSSBU120-102
5 VDC
5 ~ 6 VDC
22.00 ~ 18.33A
5%
110W
PSSBU120-103
6 VDC
6 ~ 9 VDC
19.16 ~ 12.77A
5%
115W
PSSBU120-104
9 VDC
9 ~ 11 VDC
13.33 ~ 10.90A
4%
120W
PSSBU120-105
11 VDC
11 ~ 13 VDC
10.90 ~ 9.23A
3%
120W
PSSBU120-106
13 VDC
13 ~ 16 VDC
9.23 ~ 7.50A
3%
120W
PSSBU120-107
16 VDC
16 ~ 21 VDC
7.50 ~ 5.71A
3%
120W
PSSBU120-108
21 VDC
21 ~ 27 VDC
5.71 ~ 4.44A
2%
120W
PSSBU120-109
27 VDC
27 ~ 33 VDC
4.44 ~ 3.63A
2%
120W
PSSBU120-110
33 VDC
33 ~ 40 VDC
3.63 ~ 3.00A
2%
120W
PSSBU120-111
40 VDC
40 ~ 50 VDC
3.00 ~ 2.40A
2%
120W
DUAL OUTPUT MODELS
Output #1
Output #2 (*Output #3 for PSSBU120-215 & 219)
Model Number
Vo (nom)
Io (min)
Io (max)
Reg (max)
Vo (nom)
Io (min)
Io (max)
Reg (max)
Maximum
Output Power
PSSBU120-200
+3.3 VDC
1.5A
15A
5%
+12 VDC
0.6A
6A
5%
120W
PSSBU120-201
+5 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
120W
PSSBU120-202
+5 VDC
1.5A
15A
5%
+15 VDC
0.6A
6A
5%
120W
PSSBU120-203
+5 VDC
1.5A
15A
5%
+24 VDC
0.4A
3.5A
5%
120W
PSSBU120-204
+3.3 VDC
1.5A
15A
5%
+5 VDC
0.8A
6A
5%
79.5W
*PSSBU120-215
+5 VDC
1.5A
15A
5%
-24 VDC
0.2A
2A
5%
120W
*PSSBU120-219
+28 VDC
0.4A
3.92A
5%
+5 VDC
0A
2A
5%
120W
TRIPLE OUTPUT MODELS
Output #1
Output #2
Output #3
Model Number
Vo(nom) Io(min) Io(max) Reg(max) Vo(nom) Io(min) Io(max) Reg(max) Vo(nom) Io(min)
Io(max) Reg(max)
Output
Power
PSSBU120-300
+3.3 VDC
1.5A
15A
5%
+12 VDC
0.6A
6A
5%
-12 VDC
0A
0.8A
5%
120W
PSSBU120-300-1 +3.3 VDC
1.5A
15A
5%
+12 VDC
0.6A
6A
5%
+12 VDC
0A
0.8A
5%
120W
PSSBU120-301
+5 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
-5 VDC
0A
0.8A
5%
120W
PSSBU120-301-1 +5 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
+5 VDC
0A
0.8A
5%
120W
PSSBU120-302
+5 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
-12 VDC
0A
0.8A
5%
120W
PSSBU120-302-1 +5 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
+12 VDC
0A
0.8A
5%
120W
PSSBU120-303
+5 VDC
1.5A
15A
5%
+15 VDC
1.0A
6A
5%
-15 VDC
0A
0.8A
5%
120W
PSSBU120-303-1 +5 VDC
1.5A
15A
5%
+15 VDC
1.0A
6A
5%
+15 VDC
0A
0.8A
5%
120W
PSSBU120-304
+5 VDC
1.5A
15A
5%
+24 VDC
0.45A
3.5A
5%
-24 VDC
0.25A
0.8A
5%
120W
PSSBU120-304-1 +5 VDC
1.5A
15A
5%
+24 VDC
0.45A
3.5A
5%
+24 VDC
0.25A
0.8A
5%
120W
PSSBU120-305
+5 VDC
1.5A
15A
5%
+24 VDC
0.4A
3.5A
5%
-12 VDC
0A
0.8A
5%
120W
PSSBU120-305-1 +5 VDC
1.5A
15A
5%
+24 VDC
0.4A
3.5A
5%
+12 VDC
0A
0.8A
5%
120W
PSSBU120-306
+3.3 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
-5 VDC
0A
0.8A
5%
120W
PSSBU120-306-1 +3.3 VDC
1.5A
15A
5%
+12 VDC
0.8A
6A
5%
+5 VDC
0A
0.8A
5%
120W
PSSBU120-307
+5 VDC
1.5A
15A
5%
+10 VDC
0.6A
6A
5%
-10 VDC
0A
1.0A
5%
120W
PSSBU120-307-1 +5 VDC
1.5A
15A
5%
+10 VDC
0.6A
6A
5%
+10 VDC
0A
1.0A
5%
120W
PSSBU120-308
+3.3 VDC
1.5A
15A
5%
+5 VDC
0.8A
6A
5%
-12 VDC
0A
1.0A
5%
91.5W
PSSBU120-308-1 +3.3 VDC
1.5A
15A
5%
+5 VDC
0.8A
6A
5%
+12 VDC
0A
1.0A
5%
91.5W
NOTES
1. On single output models t
he output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard
models if nothing different is requested. Please contact factory for ordering details.
2. Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal.
3. Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal.
DERATING CURVE


Similar Part No. - PSSBU120-110

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-101 WALL-PSSBU100-101 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-102 WALL-PSSBU100-102 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-103 WALL-PSSBU100-103 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-104 WALL-PSSBU100-104 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
More results

Similar Description - PSSBU120-110

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSUU100 WALL-PSSUU100 Datasheet
100Kb / 2P
   AC/DC Power Supply for I.T.E.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com