Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU100-107 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSBU100-107
Description  AC/DC Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU100-107 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSBU100-107 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU100-107 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU100-107 Datasheet HTML 3Page - Wall Industries,Inc. PSSBU100-107 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/30/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. B
PSSBU100 SERIES
90~260VAC Input Voltage Range
Active Power Factor Correction
Up to 100 Watts, Single Outputs
AC/DC Open Frame Switching Power Supplies
FEATURES
 Class I
 Active Power Factor Correction
 5” x 3” x 1.18” Open Frame Package
 Single Outputs
RoHS Compliant
 100% Burn-in Tested
 Internal EMI Filter
 Wide Input Voltage Range: 90~260VAC, 47~63Hz
 Up to 100 Watts Output Power
 Over Voltage Protection (Crowbar Design)
 Input Surge Voltage, Over Voltage, and Over Load Protection
 Meets FCC Part-15 Class B and CISPR-22 Class B Emission Limits
 UL/cUL (UL 60950-1:2nd Ed), TUV/Bauart (EN60950-1:2nd Ed),
and CE Approvals
DESCRIPTION
The PSSBU100 series of Class I AC/DC switching mode power supplies provides up to 100 Watts of continuous output
power in a compact 5” x 3” x 1.18” open frame package. This series has single output models with a wide input voltage
range of 90~260VAC. These power supplies have active power factor correction, an internal EMI filter, and input surge
voltage, over load, and over voltage protection. All models meet FCC Part-15 Class B and CISPR-22 Class B Emission
Limits. This series also has UL/cUL (UL 60950-1:2nd Edition) and TUV/Bauart (EN60950-1:2nd Edition) safety approvals
and meets new CE requirements. All models are RoHS compliant and have been 100% burn-in tested.


Similar Part No. - PSSBU100-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU120 WALL-PSSBU120 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-101 WALL-PSSBU120-101 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-102 WALL-PSSBU120-102 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-103 WALL-PSSBU120-103 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-104 WALL-PSSBU120-104 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
More results

Similar Description - PSSBU100-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com