Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU100-106 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU100-106
Description  AC/DC Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU100-106 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU100-106 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU100-106 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU100-106 Datasheet HTML 3Page - Wall Industries,Inc. PSSBU100-106 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B
PSSBU100 Series
Single Outputs, Active PFC
Up to 100 Watts, Open Frame
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/30/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSSBU100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
240
Input Voltage Range
Operating Input Voltage Range
90
260
VAC
Input Frequency
47
63
Hz
Low Line
Io = Full Load, Vin = 115VAC
1.6
Input Current
High Line
Io = Full Load, Vin = 230VAC
0.8
A
Low Line
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
44
50
Inrush Current
High Line
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
88
100
A
Power Factor Correction (PFC)
Io = Full Load, Vin = 90~260VAC
0.95
0.97
1.0
OUTPUT SPECIFICATIONS
Output Voltage Range
See Table
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90~260VAC
0
100
W
Output Current Range
See Table
< 3.3VDC output models
2
Ripple & Noise (peak to peak)
All other outputs
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
16
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
2
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Input Surge Current Protection
yes
GENERAL SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
70
80
85
%
Primary to Secondary
4242
Dielectric Withstanding Voltage
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly from 100% Load at 50°C to 50% load at 70°C
0
50
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
MTBF
Operating Temperature at 25°C, calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL SPECIFICATIONS
Weight
Approximately 12.2oz (345g)
Dimensions (L x W x H)
5.00 x 3.00 x 1.18 inches
(127.0 x 76.3 x 30.0 mm)
SAFETY & EMI
EMI Requirements for CISPR-22
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-15
Vin = 110VAC
B
Class
Safety Approvals
UL/cUL (UL 60950-1:2nd Edition), TUV/Bauart (EN60950-1:2nd Edition), CE


Similar Part No. - PSSBU100-106

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU120 WALL-PSSBU120 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-101 WALL-PSSBU120-101 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-102 WALL-PSSBU120-102 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-103 WALL-PSSBU120-103 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-104 WALL-PSSBU120-104 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
More results

Similar Description - PSSBU100-106

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com