Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSUU300-108 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSUU300-108
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSUU300-108 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSUU300-108 Datasheet HTML 1Page - Wall Industries,Inc. PSSUU300-108 Datasheet HTML 2Page - Wall Industries,Inc. PSSUU300-108 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A
PSSCT Series
Triple Output
60W, Open Frame
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/15/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSSCT Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
100 ~ 264VAC
Input Frequency
47 ~ 63Hz
Input Current
2A max. (rms) at 115VAC
Inrush Current
< 50A peak at 230VAC cold start and 25°C
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Output Regulation
See Table
Output Power
60W max.
Ripple & Noise (20MHz BW) (See Note 1)
See Table
Hold Up Time
> 10ms at full load and 115VAC nominal line
Remote Sense
yes
PROTECTION
Over Load Protection
Over load protected 160% max.
Over Voltage Protection
110%~130% (on +5VDC output only)
GENERAL SPECIFICATIONS
Efficiency
65% typical at full load
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +40°C
Storage Temperature
-10°C to +70°C
Humidity
20% to 90% non-condensing
Cooling
Free air convection
MTBF
>80,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
PSSCT601 Model: 5.0 x 3.0 x 1.57 inches (127 x 76.5 x 40 mm)
All Other Models: 5.0 x 3.0 x 1.77 inches (127 x 76.5 x 45 mm)
SAFETY & EMI
Safety Standards
UL 60950, CSA C22.2-No.60950, TUV EN60950
EMC Standards
CISPR22 Class B, EN55022 Class B, CE
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output Voltage
Min Load
Max Load
Output
Regulation
Ripple & Noise
Output Power
Vo1
+3.3 VDC
0.7A
7A
5%
50mVp-p
Vo2
+5 VDC
0.3A
3A
5%
50mVp-p
PSSCT601
Vo3
100 ~ 264 VAC
+12 VDC
0.1A
2A
8%
120mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+12 VDC
0.3A
3A
8%
120mVp-p
PSSCT62
Vo3
100 ~ 264 VAC
-12 VDC
0.1A
0.7A
10%
120mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+15 VDC
0.3A
2.8A
8%
150mVp-p
PSSCT63
Vo3
100 ~ 264 VAC
-15 VDC
0.1A
0.7A
10%
150mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+12 VDC
0.3A
3A
8%
120mVp-p
PSSCT64
Vo3
100 ~ 264 VAC
-5 VDC
0.1A
0.7A
10%
50mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+24 VDC
0.1A
1.5A
8%
240mVp-p
PSSCT65
Vo3
100 ~ 264 VAC
+12 VDC
0.1A
0.7A
10%
120mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+24 VDC
0.1A
1.5A
8%
240mVp-p
PSSCT66
Vo3
100 ~ 264 VAC
-12 VDC
0.1A
0.7A
10%
120mVp-p
60W
Vo1
+5 VDC
0.7A
7A
5%
50mVp-p
Vo2
+24 VDC
0.1A
1.5A
8%
240mVp-p
PSSCT67
Vo3
100 ~ 264 VAC
-5 VDC
0.1A
0.7A
10%
50mVp-p
60W
NOTES
1. Ripple & Noise is measured at 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic capacitor.
2. The total output power on all the outputs should not exceed 60W.
3. Minimum loads are required for these power supplies.


Similar Part No. - PSSUU300-108

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSUU300-108 WALL-PSSUU300-108 Datasheet
151Kb / 3P
   AC/DC Switching Power Supplies
PSSUU300-108 WALL-PSSUU300-108 Datasheet
145Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSSUU300-108

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com