Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU99-111 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU99-111
Description  AC/DC Open Frame Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU99-111 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU99-111 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU99-111 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU99-111 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSSBU99 SERIES
100 Watt AC/DC Open Frame Power Supplies
05/27/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Total Regulation
Ripple & Noise
Output Power
PSSBU99-105
11 ~ 13 VDC
8.33 ~ 7.69 A
3%
1%
100W
PSSBU99-106
13 ~ 16 VDC
7.69 ~ 6.25 A
3%
1%
100W
PSSBU99-107
16 ~ 21 VDC
6.25 ~ 4.76 A
3%
1%
100W
PSSBU99-108
21 ~ 27 VDC
4.76 ~ 3.70 A
2%
1%
100W
PSSBU99-109
27 ~ 33 VDC
3.70 ~ 3.03 A
2%
1%
100W
PSSBU99-110
33 ~ 40 VDC
3.03 ~ 2.50 A
2%
1%
100W
PSSBU99-111
40 ~ 50 VDC
2.50 ~ 2.00 A
2%
1%
100W
PSSBU99-112
90 ~ 264 VAC
50 ~ 55 VDC
2.00 ~ 1.81 A
2%
1%
100W
DERATING CURVE
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
Ambient Temperature (°C)
MECHANICAL DRAWING
N
L
P1
P2
6
5
4
3
2
1
DC
OUTPUT
Ø0.16 [Ø4.0] MOUNTING HOLES X 4
3.69 [93.6]
4.00 [101.6]
0.16 [4.0]
AC
INPUT
PIN CONNECTIONS
Pin
Designation
1
OUT
2
OUT
3
OUT
4
RTN
5
RTN
6
RTN
NOTES
1. Unit: inches [mm]
2. Tolerance:
±0.02 [±0.5]
3. Weight: 6.3~8.8oz (180~250g)
4. Input connector mates with JST housing VHR-3N and JST SVH series crimp terminal.
5. Output connector mates with JST housing VHR-6N and JST SVH series crimp terminal.
6. All dimensions are for reference only


Similar Part No. - PSSBU99-111

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-101 WALL-PSSBU100-101 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-102 WALL-PSSBU100-102 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-103 WALL-PSSBU100-103 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-104 WALL-PSSBU100-104 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
More results

Similar Description - PSSBU99-111

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com