Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU31-103 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU31-103
Description  AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU31-103 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU31-103 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU31-103 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU31-103 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/10/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
PSSBU31 Series
Open Frame
30 Watt, Single Output
AC/DC Switching Power Supply
Rev B
MODEL SELECTION TABLE
Model Number
Input
Voltage Range
Output
Voltage Range
Preset Voltage
Output
Current Range
Total
Regulation
Maximum
Output Power
PSSBU31-102
90 ~ 264VAC
5 ~ 6 VDC
5 VDC
4.00 ~ 3.33A
5%
20W
PSSBU31-103
90 ~ 264VAC
6 ~ 8 VDC
6 VDC
3.83 ~ 2.87A
5%
23W
PSSBU31-104
90 ~ 264VAC
8 ~ 11 VDC
8 VDC
3.38 ~ 2.45A
5%
27W
PSSBU31-105
90 ~ 264VAC
11 ~ 13 VDC
11 VDC
2.73 ~ 2.30A
5%
30W
PSSBU31-106
90 ~ 264VAC
13 ~ 16 VDC
13 VDC
2.30 ~ 1.88A
5%
30W
PSSBU31-107
90 ~ 264VAC
16 ~ 21 VDC
16 VDC
1.88 ~ 1.43A
5%
30W
PSSBU31-108
90 ~ 264VAC
21 ~ 27 VDC
21 VDC
1.43 ~ 1.11A
3%
30W
PSSBU31-109
90 ~ 264VAC
27 ~ 33 VDC
27 VDC
1.11 ~ 0.91A
3%
30W
PSSBU31-110
90 ~ 264VAC
33 ~ 40 VDC
33 VDC
0.91 ~ 0.75A
3%
30W
PSSBU31-111
90 ~ 264VAC
40 ~ 48 VDC
40 VDC
0.75 ~ 0.62A
3%
30W
NOTES
1. The output voltage is specified as a range (Ex: 40 ~ 48VDC); the preset voltage will be set as standard models
if nothing different is requested. Please contact factory for ordering details.
2. Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal.
3. Output connector mates with Molex housing 09-50-3041 and Molex 2478 series crimp terminal.
DERATING CURVE


Similar Part No. - PSSBU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-101 WALL-PSSBU100-101 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-102 WALL-PSSBU100-102 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-103 WALL-PSSBU100-103 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-104 WALL-PSSBU100-104 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
More results

Similar Description - PSSBU31-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com