Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPSS-60-15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPSS-60-15
Description  AC/DC Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSS-60-15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPSS-60-15 Datasheet HTML 1Page - Wall Industries,Inc. PSPSS-60-15 Datasheet HTML 2Page - Wall Industries,Inc. PSPSS-60-15 Datasheet HTML 3Page - Wall Industries,Inc. PSPSS-60-15 Datasheet HTML 4Page - Wall Industries,Inc. PSPSS-60-15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
PSPSS-60 Series
Up to 60 Watts
Open Frame, Single Output
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/06/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSPSS-60 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC (AC input range selected with switching)
Input Frequency
47 to 63Hz
AC Current
< 1.5A max
Inrush Current (typical)
< 30A @ 120VAC; < 60A @ 230VAC Cold Start
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±3.0%
Voltage Adjustment Range
-5.0% ~ +10% of rated output voltage
Line Regulation
±0.5%
Load Regulation
±2.0%
Output Current
See Table
Ripple & Noise (See Note 1)
See Table
Setup Time
≤ 1.0s at 230VAC and full load
Hold Up Time
≥ 20ms at 230VAC and full load
Temperature Coefficient
±0.03%/°C
Overshoot and Undershoot
< 5.0%
PROTECTION
Over Load Protection
105% ~ 180% of rated output current, hiccup mode, auto-recovery
Over Voltage Protection
110% ~ 150% of rated output voltage, constant voltage
Short Circuit Protection
Long-term mode, auto-recovery
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Withstand Voltage (Primary to Secondary)
3000VAC; ≤ 10mA
Isolation Resistance
≥ 100MΩ
Leakage Current
< 0.25mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-20°C to +70°C
Storage Temperature
-40°C to +85°C
Working Humidity (non-condensing)
20 ~ 90% RH
Storage Humidity (non-condensing)
10 ~ 95% RH
Cooling Method
Free air convection
MTBF (MIL-HDBK-217F)
> 100,000 hours @ 25°C and full load
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
4.00 x 2.00 x 1.18 inches (101.6 x 50.8 x 30 mm)
Packing
48PCS/CTN, 12Kgs, 0.024CBM
SAFETY & EMC (See Note 2)
Safety Standards
GB4943-2001, EN60950-1: 2006
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, light industry level, criteria A


Similar Part No. - PSPSS-60-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPS-25-12 WALL-PSPS-25-12 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-13.5 WALL-PSPS-25-13.5 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-15 WALL-PSPS-25-15 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-24 WALL-PSPS-25-24 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-27 WALL-PSPS-25-27 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
More results

Similar Description - PSPSS-60-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com