Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPSF-125-24 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPSF-125-24
Description  AC/DC Switching power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSF-125-24 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPSF-125-24 Datasheet HTML 1Page - Wall Industries,Inc. PSPSF-125-24 Datasheet HTML 2Page - Wall Industries,Inc. PSPSF-125-24 Datasheet HTML 3Page - Wall Industries,Inc. PSPSF-125-24 Datasheet HTML 4Page - Wall Industries,Inc. PSPSF-125-24 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/11/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. F
PSPSF-125 SERIES
90 ~ 264VAC Input Voltage Range
Up to 126W, Open Frame
Single Output, PFC Function
AC/DC Switching power Supplies
FEATURES
• Open Frame
• PFC > 0.98 @ 115VAC
• Single Outputs
• RoHS Compliant
• UL94V0 Compliant
• Universal AC Input (Full Range)
• High Efficiency and High Reliability
• Built-in Remote Sense Function
• All Using 105°C Long Life Electrolytic Capacitors
• 100% Full Load Burn-in Tested
• Up to 126W Output Power
• Wide Operating Ambient Temperature (-20°C ~ +70°C)
• Over Voltage, Over Load, and Short Circuit Protected
DESCRIPTION
The PSPSF-125 series of AC/DC switching power supplies offers up to 126W of output power in a 5” x 3” x 1.2” open
frame constructed package. All models have a single output and a universal AC input. Some features include wide
operating temperature range (-20°C to +70°C), PFC function > 0.98, and efficiency up to 86%. These supplies are RoHS
and UL94V0 compliant and have UL/cUL, CB, and CE safety approvals. All models are protected against over load, over
voltage, and short circuit conditions. All models are 100% full load burn-in tested.


Similar Part No. - PSPSF-125-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSPSF100-24S WALL-PSPSF100-24S Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSPSF100-36S WALL-PSPSF100-36S Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSPSF100-48S WALL-PSPSF100-48S Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSPSF100-54S WALL-PSPSF100-54S Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
More results

Similar Description - PSPSF-125-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com