Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMHBU31-107 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMHBU31-107
Description  AC/DC Medical Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMHBU31-107 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMHBU31-107 Datasheet HTML 1Page - Wall Industries,Inc. PSMHBU31-107 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMHBU31 Series
Open Frame
30 Watt, Single Output
AC/DC Medical Power Supply
Rev A
FEATURES
● Single Output
● RoHS Compliant
● Class II Insulation
● Internal EMI Filter
● Dimensions: 4 x 1.5 x 0.83 Inches
● Output Voltages Available from 5VDC thru 40VDC
● Wide Input Voltage Range: 90 to 264VAC, 47 to 63Hz
● Input Surge Current, Over Voltage, and Over Load Protection
DESCRIPTION
The PSMHBU31 series of AC/DC medical power supplies provides 30 Watts of continuous output power in a compact, open frame
constructed design. All models have a single output and a universal input. These power supplies meet FCC Part-18 class B and CISPR-11
EN55011 class B emission limits. They are also designed to comply with UL/cUL (UL60601-1), TUV/T-mark (EN60601-1) and new CE
requirements. This series is best suited for use in Home health care applications. All models are 100% burn in tested.
SPECIFICATIONS: PSMHBU31 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.8
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.3
0.4
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
15
18
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
25
40
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.1
0.3
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.25
0.5
s
OUTPUT (Vo)
Output Voltage
See Table
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
30
W
Output Current
See Table
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
12
18
ms
PROTECTION
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
75
85
89
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
5600
VDC
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
0
40
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
5
95
%
Temperature Coefficient
-0.04
+0.04
%/°C
MTBF
Operating temperature at 25°C, Calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL
Weight
Approximately 7oz (200g)
Dimensions (L x W x H)
4.02 x 1.50 x 0.83 inches
102.0 x 38.1 x 21.0 mm
SAFETY
EMI Requirements for CISPR-11
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-18
Vin = 110VAC
B
Class


Similar Part No. - PSMHBU31-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMHBU60 WALL-PSMHBU60 Datasheet
176Kb / 3P
   AC/DC Switching Power Supplies
PSMHBU60-105 WALL-PSMHBU60-105 Datasheet
176Kb / 3P
   AC/DC Switching Power Supplies
PSMHBU60-106 WALL-PSMHBU60-106 Datasheet
176Kb / 3P
   AC/DC Switching Power Supplies
PSMHBU60-107 WALL-PSMHBU60-107 Datasheet
176Kb / 3P
   AC/DC Switching Power Supplies
PSMHBU60-108 WALL-PSMHBU60-108 Datasheet
176Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSMHBU31-107

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETMA120500UD CUI-ETMA120500UD Datasheet
463Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA1202083U CUI-ETMA1202083U Datasheet
218Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
ETMA200WU CUI-ETMA200WU Datasheet
553Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
07/23/2020
EMMA-30W CUI-EMMA-30W_V01 Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
06/20/2017
ETMA30W CUI-ETMA30W Datasheet
369Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
07/10/2015
EMMA_30W CUI-EMMA_30W Datasheet
229Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
logo
Wall Industries,Inc.
PSM200 WALL-PSM200 Datasheet
201Kb / 3P
   AC/DC Medical Power Supply
logo
CUI INC
EMMA050400 CUI-EMMA050400 Datasheet
519Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA-60W-UD CUI-ETMA-60W-UD Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
VSKM-S10 CUI-VSKM-S10 Datasheet
309Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com