Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMHBU60 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMHBU60
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMHBU60 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMHBU60 Datasheet HTML 1Page - Wall Industries,Inc. PSMHBU60 Datasheet HTML 2Page - Wall Industries,Inc. PSMHBU60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
PSMHBU60 SERIES
60W Medical AC/DC Switching Power Supplies
01/31/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
NOTES:
1. All dimensions are for reference only
2. Weight: Approximately 4.9oz (140g)
3. Input Connector: Mates with Molex housing 09-50-3031/35977-0300
and Molex 2478/35922 series crimp terminal
4. Output Connector: Mates with Molex housing 09-50-3061/35977-0600
and Molex 2478/35922 series crimp terminal
Unit: inches (mm)
H1
H4
3.98±0.02 (101.0±0.5)
3.66±0.02 (93.0±0.5)
H2
H3
AC INPUT
H1~H4: Ø4.0 (MOUNTING HOLES)
DC OUTPUT
C2
HS1
TH1
C5
J2
MOV1 L1
C1
DB1
C8
C25
C26
C16
D4
HS2
SCR1
ZD5
C18
LED1
C21
C19
L2
C27
IC2
C20
T1
C6
C7
F2
P1
L
N
P2
1
6
PIN CONNECTIONS
PIN
ASSIGNMENT
1
OUT
2
OUT
3
OUT
4
RTN
5
RTN
6
RTN
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSMHBU60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMHBU31 WALL-PSMHBU31 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
PSMHBU31-102 WALL-PSMHBU31-102 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
PSMHBU31-103 WALL-PSMHBU31-103 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
PSMHBU31-104 WALL-PSMHBU31-104 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
PSMHBU31-105 WALL-PSMHBU31-105 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
More results

Similar Description - PSMHBU60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com