Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC1E122 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFC1E122
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E122 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFC1E122 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E122 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-63 –
010
Sleeve
14 min.
3 min.
L
Pressure relief
06.3
L 16 : L±1.0 (
08 15, 016 15, 018 15 : L±1.5)
L 20 : L±2.0
+
08
0D±0.5
0D±0.5
Features
● Endurance : 105 °C 1000 h to 5000 h
● Low impedance
● AEC-Q200 qualified
● RoHS directive compliant
Radial Lead Type
Series:
FC
Type:
A
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
Nominal Cap. Range
2.2 μF to 15000 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
tan d
W.V. (V)
6.3
10
16
25
35
50
63
100
(120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
0.08
0.07
For capacitance value
> 1000 μF, add 0.02 per every 1000 μF.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC
and ripple peak voltage shall not exceed the rated working voltage) when the capacitors are restored to
20 °C, the capacitors shall meet the limits specified bellow.
Duration : 04 to 06.3: 1000 hours, 08: 2000 hours , 010: 3000 hours , 012.5 to 018: 5000 hours
Capacitance change
±20 % of initial measured value
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
W.V.(V.DC)
Cap (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 100
2.2 to
330
0.55
0.65
0.85
0.90
1.00
390
to
1000
0.70
0.75
0.90
0.95
1.00
1200
to
2200
0.75
0.80
0.90
0.95
1.00
2700
to
15000
0.80
0.85
0.95
1.00
1.00
Frequency correction factor for ripple current
L
>11
L=7
Body Dia. 0D
4
5
6.3
8
10
12.5
16
18
4
5
6.3
Body Length L
15 to 25 30 to 40
Lead Dia. 0d
0.45
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.45
0.45
0.45
Lead space F
1.5
2.0
2.5
3.5
5.0
5.0
5.0
7.5
7.5
1.5
2.0
2.5
Dimensions in mm (not to scale)
(Unit : mm)
✽ This product qualify for AEC-Q200, but it has some deviations.
05
Jul. 2014


Similar Part No. - EEUFC1E122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1E122 PANASONIC-EEUFC1E122 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1E122 PANASONIC-EEUFC1E122 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E122 PANASONIC-EEUFC1E122 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E122 PANASONIC-EEUFC1E122 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E122 PANASONIC-EEUFC1E122 Datasheet
125Kb / 10P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1E122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com