Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMBU31-102 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMBU31-102
Description  AC/DC Open Frame Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU31-102 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMBU31-102 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU31-102 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU31-102 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSMBU31 SERIES
30W Medical AC/DC Open Frame Power Supplies
03/10/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSMBU31 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
240
Input Voltage
Operating Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
100VAC, full load
0.7
Input Current
240VAC, full load
0.3
A
115VAC, full load, 25°C, cold start
15
Inrush Current
230VAC, full load, 25°C, cold start
30
A
No Load Power Consumption
230VAC, no load
0.5
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
1
%
Load Regulation
230VAC
5
%
Output Power
30
W
Output Current
See Table
Ripple & Noise (peak to peak)
90VAC, full load
1
%
Hold-up Time
110VAC, full load
10
ms
Start-up Time
100VAC, full load
0.3
2
s
Transient Response Time
100VAC, Full load to half load
4
ms
Temperature Coefficient
0~50°C
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
230VAC, full load
76.4
85
%
Primary to Secondary
(2MOPP Insulation)
6578
Dielectric Withstanding Voltage
Primary to PE
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
Leakage Current
240VAC/60Hz
0.1
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Operating Altitude
3000
m
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
7.05oz (200g)
Dimensions (L x W x H)
4.00 x 1.99 x 1.16 inch (101.5 x 50.5 x 29.5 mm)
Input Connector
Mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output Connector
Mates with Molex housing 09-50-3061 and Molex 2478 series crimp terminal
SAFETY & EMC
Safety Approvals
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition); EN 60601-1:2006 (TUV/T-mark 3rd edition); CE
EMI Requirements for CISPR-11
220VAC
B
Class
EMI Requirements for FCC PART-18
110VAC
B
Class


Similar Part No. - PSMBU31-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152-105 WALL-PSMBU152-105 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152-108 WALL-PSMBU152-108 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU153 WALL-PSMBU153 Datasheet
475Kb / 4P
   AC/DC Switching Power Supplies
PSMBU153-105 WALL-PSMBU153-105 Datasheet
475Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSMBU31-102

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com