Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV20D241 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ERZV20D241
Description  ZNR Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV20D241 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ERZV20D241 Datasheet HTML 4Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 5Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 6Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 7Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 8Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 9Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 10Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 11Page - Panasonic Semiconductor ERZV20D241 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 11 –
D
T
W
W
f 0.6
L
7 Series
Ratings and Characteristics
● Operating Temperature Range: –40 to 85 °C ● Storage Temperature Range: –40 to 125 °C
✽ Measured at 1 MHz
✽✽Ip Measuring current of clamping voltage 180 to 680 : 25 A, 820 tp 511 : 10 A
Dimensions in mm (not to scale) ✽ Refer to page 24 to 26 about leads cut type and taping.
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
✽✽Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 μs)
Capacitance
(max.)
(10/1000 μs) (2 ms)
1 time 2 times
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
at 1 kHz (pF)
ERZV07D180
18(16 to 20)
11
14
36
0.02
1.1
0.9
500
250
3800
ERZV07D220
22(20 to 24)
14
18
43
0.02
1.3
1.1
500
250
3600
ERZV07D270
27(24 to 30)
17
22
53
0.02
1.6
1.3
500
250
3400
ERZV07D330
33(30 to 36)
20
26
65
0.02
2.0
1.6
500
250
2900
ERZV07D390
39(35 to 43)
25
31
77
0.02
2.4
1.9
500
250
1600
ERZV07D470
47(42 to 52)
30
38
93
0.02
2.8
2.3
500
250
1550
ERZV07D560
56(50 to 62)
35
45
110
0.02
3.4
2.7
500
250
1500
ERZV07D680
68(61 to 75)
40
56
135
0.02
4.1
3.3
500
250
1200
ERZV07D820
82(74 to 90)
50
65
135
0.25
7
5
1750 1250
810
ERZV07D101
100(90 to 110)
60
85
165
0.25
8.5
6
1750 1250
700
ERZV07D121 120(108 to 132)
75
100
200
0.25
10
7
1750 1250
590
ERZV07D151 150(135 to 165)
95
125
250
0.25
13
9
1750 1250
500
ERZV07D201 200(185 to 225)
130
170
340
0.25
17.5
12.5
1750 1250
200
ERZV07D221 220(198 to 242)
140
180
360
0.25
19
13.5
1750 1250
190
ERZV07D241 240(216 to 264)
150
200
395
0.25
21
15
1750 1250
170
ERZV07D271 270(247 to 303)
175
225
455
0.25
24
17
1750 1250
150
ERZV07D331 330(297 to 363)
210
270
545
0.25
28
20
1750 1250
130
ERZV07D361 360(324 to 396)
230
300
595
0.25
32
23
1750 1250
130
ERZV07D391 390(351 to 429)
250
320
650
0.25
35
25
1750 1250
130
ERZV07D431 430(387 to 473)
275
350
710
0.25
40
27.5
1750 1250
120
ERZV07D471 470(423 to 517)
300
385
775
0.25
42
30
1750 1250
100
ERZV07D511 510(459 to 561)
320
410
845
0.25
45
32
1750 1250
90
Part No.
D max.
T max.
W
±1.0
H max.
L
±1.0
ERZV07D180
8.5
4.5
5.0
11.5
1.3
ERZV07D220
8.5
4.6
5.0
11.5
1.4
ERZV07D270
8.5
4.7
5.0
11.5
1.5
ERZV07D330
8.5
4.9
5.0
11.5
1.7
ERZV07D390
8.5
4.8
5.0
11.5
1.6
ERZV07D470
8.5
4.9
5.0
11.5
1.7
ERZV07D560
8.5
5.0
5.0
11.5
1.8
ERZV07D680
8.5
5.2
5.0
11.5
2.0
ERZV07D820
8.5
4.1
5.0
11.5
1.4
ERZV07D101
8.5
4.3
5.0
11.5
1.6
ERZV07D121
8.5
4.5
5.0
11.5
1.8
ERZV07D151
8.5
4.8
5.0
11.5
2.1
ERZV07D201
8.5
4.4
5.0
11.5
1.7
ERZV07D221
8.5
4.5
5.0
11.5
1.8
ERZV07D241
8.5
4.6
5.0
11.5
1.9
ERZV07D271
8.5
4.8
5.0
11.5
2.1
ERZV07D331
8.5
5.1
5.0
11.5
2.4
ERZV07D361
8.5
5.3
5.0
11.5
2.5
ERZV07D391
8.5
5.4
5.0
11.5
2.7
ERZV07D431
8.5
5.6
5.0
11.5
2.9
ERZV07D471
8.5
5.8
5.0
11.5
3.1
ERZV07D511
8.5
6.0
5.0
11.5
3.3
Aug. 2012
01


Similar Part No. - ERZV20D241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV20D241 PANASONIC-ERZV20D241 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZV20D241 VISHAY-ERZV20D241 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZV20D241 PANASONIC-ERZV20D241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D241 PANASONIC-ERZV20D241 Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV20D241 PANASONIC-ERZV20D241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV20D241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V10D821 PANASONIC-ERZ-V10D821 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ZNR PANASONIC-ZNR Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com