Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAK-1500-27 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAK-1500-27
Description  AC/DC Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK-1500-27 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAK-1500-27 Datasheet HTML 1Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 2Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 3Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 4Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 5Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 6Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 7Page - Wall Industries,Inc. PSAK-1500-27 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. A
PSAK1500 Series
1500 Watts
Single Output, Active PFC
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/20/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 8
MODEL SELECTION TABLE
Model Number
Input Voltage
(3)
Range
Output
Voltage
Output
Current
Output
(1)
Ripple & Noise
Output Power
Efficiency
PSAK-1500-12
90 ~ 264 VAC
(127 ~ 370 VDC)
12 VDC
125A
150mVp-p
1500W
87%
PSAK-1500-15
90 ~ 264 VAC
(127 ~ 370 VDC)
15 VDC
100A
150mVp-p
1500W
88%
PSAK-1500-24
90 ~ 264 VAC
(127 ~ 370 VDC)
24 VDC
62.5A
150mVp-p
1500W
89%
PSAK-1500-27
90 ~ 264 VAC
(127 ~ 370 VDC)
27 VDC
55.5A
150mVp-p
1500W
89%
PSAK-1500-48
90 ~ 264 VAC
(127 ~ 370 VDC)
48 VDC
31.3A
150mVp-p
1500W
90%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1µF capacitor and a
47µF capacitor in parallel.
2. Tolerance includes set up tolerance, line regulation, and load regulation.
3. For voltages near the low end of the input voltage range, see the derating curve for the power supply output rating.
4. When in parallel operation only one unit might operate if the total output load is less than 5% of the rated load condition.
5. The power supply is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
DERATING CURVES
-25
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
30
50
70
90
100
Load vs Temperature
90
Ta=25°C
40
50
60
70
80
Load vs Input Voltage
Input Voltage (VAC)
90
100
12/15V @ >180VAC
24/27/48V @ >180VAC
12/15V@110VAC
24/27/48V@100VAC
100
110
120
130
140
264
12/15V
24/27/48V


Similar Part No. - PSAK-1500-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK-100-12 WALL-PSAK-100-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-13.5 WALL-PSAK-100-13.5 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-15 WALL-PSAK-100-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-24 WALL-PSAK-100-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
PSAK-100-27 WALL-PSAK-100-27 Datasheet
97Kb / 3P
   AC/DC Switching Power Supply
More results

Similar Description - PSAK-1500-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com