Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAE-800-60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAE-800-60
Description  AC/DC Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE-800-60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAE-800-60 Datasheet HTML 1Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 2Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 3Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 4Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 5Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 6Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 7Page - Wall Industries,Inc. PSAE-800-60 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE800 SERIES
Up to 804 Watts, AC/DC Switching Power Supplies
07/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS: PSAE800 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
See Note 2
90
264
VAC
Input Frequency
47
63
Hz
At 100VAC and full load
9.3
AC Current
At 230VAC and full load
4.7
A
At 115VAC and cold start
30
Inrush Current
At 230VAC and cold start
60
A
At 115VAC and full load
0.98
Power Factor
At 230VAC and full load
0.95
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Includes set-up tolerance, line regulation, and load regulation
-2.0
+2.0
%
Voltage Adjustability
Typical adjustment by potentiometer (VR1)
-5.0
+5.0
%
Line Regulation
Low Line to High Line
-1.0
+1.0
%
Load Regulation
0% to 100% full load
-1.0
+1.0
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz BW)
Measured with 0.1µF and 47µF capacitors in parallel
See Table
Hold-up Time
At 230VAC and full load
14
ms
Setup Time
full load
800
ms
Rise Time
full load
100
ms
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection (see page 4)
Protection type: latch-style. Recovery after reset AC power ON or inhibit
Variable OVP, 120%±7% Vout
Over Load Protection
Protection type: constant current limiting
105% rated output power
Over Temperature Protection
Protection type: shutdown output voltage (auto-recovery after temp. goes down)
85°C±5°C detect on heatsink of sec. side
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
4242VDC (3000VAC)
Input to FG
2121VDC (1500VAC)
Isolation Voltage
Output to FG
707VDC (500VAC)
Isolation Resistance
Input to output, input to FG, output to FG; 500VDC
100
Leakage Current
At 240VAC
1
mA
FUNCTIONS
Auxiliary Power
+5V/0.5A or +8V/0.3A auxiliary output selectable by user
Remote ON/OFF Control
External switch or NPN transistor to turn ON/OFF
Power OK Signal
Open drain signal low when PSU turns on; sink current: 20mA max.; drain voltage: 40V max.
Output Voltage Trim
Adjustment of output voltage is between 0~105% of rated output
Output Current Trim
Adjustment of output current is between 0~105% of rated output
Parallel Operation (Current Sharing)
See page 6
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-20
+60
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Cooling
Controlled by power rating and temperature (internal ball bearing fan)
Vibration
10~500Hz, 2G 10 min./1 cycle, period for 60 min. each along X, Y, Z axes. Compliance to IEC 68-2-6, IEC 68-2-64
PHYSICAL SPECIFICATIONS
Weight
3.75 lbs (1700g)
Dimensions (W x H x D)
9.80 x 5.00 x 1.61 inches (249.0 x 127.0 x 41.0 mm)
SAFETY & EMC (See Note 4)
Safety Approvals
UL 60950-1, 2nd edition, TUV EN60950-1: 2006+A11
EMI (Conduction & Radiation)
EN55022: 2006+A1:2007 Class B, EN61204-3:2000, EN61000-6-3: 2007
Harmonic Current
EN61000-3-2: 2006+A2: 2009 Class A, EN61000-3-3: 2008
EMS Immunity
EN55024: 1998+A1: 2001+A2: 2003 light industry level, criteria A, EN61204-3: 2000, EN61000-6-1: 2007


Similar Part No. - PSAE-800-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-1500-12 WALL-PSAE-1500-12 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-15 WALL-PSAE-1500-15 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-24 WALL-PSAE-1500-24 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-30 WALL-PSAE-1500-30 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-36 WALL-PSAE-1500-36 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAE-800-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com