Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNISMART350HG Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # OMNISMART350HG
Description  OmniSmart 330VA Medical Grade Tower
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

OMNISMART350HG Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  OMNISMART350HG Datasheet HTML 1Page - Tumbler Technologies + TRUMPower OMNISMART350HG Datasheet HTML 2Page - Tumbler Technologies + TRUMPower OMNISMART350HG Datasheet HTML 3Page - Tumbler Technologies + TRUMPower OMNISMART350HG Datasheet HTML 4Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OmniSmart 330VA Medical Grade Tower
Line-Interactive 120V UPS with Serial port
MODEL NUMBER: OMNISMART350HG
Description
Tripp Lite's OMNI SMART 350HG offers medical-grade UPS protection with built-in line interactive voltage
regulation, intelligent monitoring and unattended shutdown capability. Hospital-grade plug & outlets, plus built-in
isolation transformer with Faraday shield offers full isolation and removes common mode noise equal to 100
microamps. UL 60601-1 listed as medical electrical equipment. 330VA power handling capacity supports
computers, inter-networking equipment and other critical loads during commercial power failures. Line interactive
voltage regulation corrects brownouts as low as 83V back to normal 120V levels, saving battery reserves for use only during complete power failures. Includes,
2 line phone surge suppression and built-in DB-9 communications port that works with PowerAlert Software and cabling to provide automatic unattended
shutdown of connected network and PC applications.
Features
Ideal UPS protection for applications in medical patient-care areas where UL 60601-1 listed electrical medical equipment is required
Line-interactive voltage regulation corrects brownouts as low as 83V without using battery power
Hospital-grade plug and outlets offer added degree of safety and reliability to input/output connections
Full line isolation prevents shock potential and operational problems in sensitive electronic equipment
Resistant to electrostatic discharge
Supports loads up to 330VA/225 watts
46 minutes half load runtime (with 165VA load), 18 minutes full load runtime (with 330VA load)
4 protected hospital-grade outlets; 6-ft. cord
1-DB9 serial port for network interface
Complete surge protection, line isolation and EMI/RFI noise filtering
2 phone line surge suppression for modems, fax machines and other phone accessories
Complete remote monitoring cabling included, PowerAlert UPS management software available via free download
4 diagnostic LEDs indicate AC present, on battery, voltage correction & battery low/replace
Battery replacement door and back panel grounding lug
Highlights
330VA line interactive tower UPS
Maintains sine-wave 120V
nominal output over an input
range of 83 to 132V
Professional features include
serial port, hospital grade plug &
outlets, built-in isolation
transformer and UL60601-1 listing
Input: Hospital-grade NEMA
5-15P (120V 15A) / Output: 4
Hospital-grade NEMA 5-15R
(120V)
2 line phone suppression for
TEL/DSL line protection
Leakage current less than
100microamps
Package Includes
OMNI SMART 350HG Hospital
Grade UPS System
Serial cable for remote monitoring
Warranty information
Instruction manual
1 / 4


Similar Part No. - OMNISMART350HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART350HG ETC2-OMNISMART350HG Datasheet
488Kb / 6P
   OmniSmart 330VA Medical Grade Tower Line-Interactive 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
OMNISMART350HG TRIPPLITE-OMNISMART350HG_15 Datasheet
484Kb / 4P
   OmniSmart 120V 330VA 225W UL 60601-1 Medical Grade Line-Interactive UPS, Tower, DB9 Serial
More results

Similar Description - OMNISMART350HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART350HG ETC2-OMNISMART350HG Datasheet
488Kb / 6P
   OmniSmart 330VA Medical Grade Tower Line-Interactive 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
OMNISMART350HG TRIPPLITE-OMNISMART350HG_15 Datasheet
484Kb / 4P
   OmniSmart 120V 330VA 225W UL 60601-1 Medical Grade Line-Interactive UPS, Tower, DB9 Serial
logo
Tumbler Technologies + ...
OMNI1500LCDT TRUMPOWER-OMNI1500LCDT Datasheet
545Kb / 5P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
OMNI1000ISO TRUMPOWER-OMNI1000ISO Datasheet
493Kb / 5P
   OmniSmart 1000VA Tower Line-Interactive 120V
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
   OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com