Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3341L Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF3341L
Description  High Power and current handing capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF3341L Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF3341L Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF3341L Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSF3341L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Figure 3 Power Dissipation
TJ-Junction Temperature(℃)
-Vds Drain-Source Voltage (V)
Figure 5 Output CHARACTERISTICS
Figure 1:Switching Test Circuit
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
-ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
©Silikron Semiconductor CO.,LTD.
3
http://www.silikron.com
v2.0


Similar Part No. - SSF3341L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF3341L GOOD-ARK-SSF3341L Datasheet
736Kb / 6P
   30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF3341L VBSEMI-SSF3341L Datasheet
489Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
GOOD-ARK Electronics
SSF3341L GOOD-ARK-SSF3341L_15 Datasheet
736Kb / 6P
   30V P-Channel MOSFET
More results

Similar Description - SSF3341L

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
   High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com