Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3314E Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF3314E
Description  High Power and current handing capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF3314E Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF3314E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF3314E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF3314E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF3314E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF3314E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF3314E
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0
Pin Assignment
DFN3×3-8L BOTTOM VIEW
GENERAL FEATURES
VDS = 30V,ID = 8A
RDS(ON) < 39mΩ @ VGS=2.5V
RDS(ON) < 28mΩ @ VGS=3.1V
RDS(ON) < 24mΩ @ VGS=4.0V
RDS(ON) < 23mΩ @ VGS=4.5V
RDS(ON) < 18mΩ @ VGS=10V
ESD Rating:2000V HBM
High Power and current handing capability
Lead free product is acquired
Surface Mount Package
DESCRIPTION
The SSF3314E uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V while
retaining a 12V VGS(MAX) rating. It is ESD protected.
This device is suitable for use as a uni-directional
or bi-directional load switch, facilitated by its
common-drain configuration.
Schematic diagram
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SSF3314E
SSF3314E
DFN3×3-8L
-
-
-
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
ID
8
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
45
A
Maximum Power Dissipation
PD
1.7
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
40
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
1
μA


Similar Part No. - SSF3314E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF3314E GOOD-ARK-SSF3314E Datasheet
325Kb / 4P
   30V N-Channel MOSFET
SSF3314E GOOD-ARK-SSF3314E_15 Datasheet
325Kb / 4P
   30V N-Channel MOSFET
More results

Similar Description - SSF3314E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com