Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJL1D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJL1D
Description  Thick Film Chip Resistors / Low Resistance Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJL1D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJL1D Datasheet HTML 1Page - Panasonic Semiconductor ERJL1D Datasheet HTML 2Page - Panasonic Semiconductor ERJL1D Datasheet HTML 3Page - Panasonic Semiconductor ERJL1D Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thick Film Chip Resistors / Low Resistance Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
0.166 W
0.1 W
0.25 W
0.125 W
0.33 W
0.25 W
0.5 W
0.25 W
0.5 W
0.5 W
0.5 W
1 W
Power R.
Resistance Value
Code
S
Q
0.1
to 0.2
0.22
to 9.1
Resistance Tolerance
Code
F
G
J
Tolerance
± 1 %
± 2 %
± 5 %
Shown by 3 digits or letters.
(Ex.) R22 : 0.22
Resistance Value
Packaging Methods
Code
Packaging
Type
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
2B : 0402
3R : 0603
3B : 0603
6R : 0805
6B : 0805
8R : 1206
8B : 1206
14R : 1210
14B : 1210
12R : 1812
12Z : 2010
1TR : 2512
Res. Value
V
X
U
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
ERJ2B
ERJ3R/3B
ERJ6R/6B
ERJ8R/8B
ERJ14R/14B
ERJ12R
ERJ12Z
ERJ1TR
2B : 0.22
to 1.0
Thick Film Chip Resistors / Low Resistance Type
ERJ R, B
: 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ BW, CW : 0402, 0603, 0805, 1206
ERJ L
: 0603, 0805, 1206, 1210, 1812, 2010, 2512
Features
● Current Sensing resistor
● Small size and lightweight
● High reliability : Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Improved high-power/resistance to pulse characteristics
by double-sided resistive elements structure : ERJ2BW, 3BW, 6BW, 8BW, 8CW Type
● Low TCR : ±50×10–6/°C (ERJ8CW)
● Low Resistance Value
10 m
Ω to 50 mΩ : ERJ8CW
10 m
Ω to 100 mΩ : ERJ6BW, 8BW
20 m
Ω to 100 mΩ : ERJ3BW, ERJL14, L12
40 m
Ω to 100 mΩ : ERJL1D, L1W
47 m
Ω to 100 mΩ : ERJ2BW, ERJL03, L06, L08
● Reference Standards : IEC 60115-8, JIS C 5201-8, JEITA RC-2144
● RoHS compliant
Explanation of Part Numbers
● ERJ2BS/2BQ, 3BS/3BQ, 6BS/6BQ, 8BS/8BQ, 14BS/14BQ, 3R, 6R, 8R, 14R, 12R, 12Z, 1TR Series High power type/Standard type
Type:
ERJ 2B, 3B, 6B, 8B, 14B, 3R,
6R, 8R, 14R, 12R, 12Z, 1TR
ERJ 2BW, 3BW, 6BW, 8BW, 8CW
ERJ L03, L06, L08, L14, L12,
L1D, L1W
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Dec. 2013
06
10


Similar Part No. - ERJL1D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJL1D PANASONIC-ERJL1D Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1D PANASONIC-ERJL1D Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1D PANASONIC-ERJL1D Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1D PANASONIC-ERJL1D Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1D PANASONIC-ERJL1D Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJL1D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com