Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT455BUW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT455BUW
Description  Electrical Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT455BUW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT455BUW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.5
LT
455E
U
2
3
1
4.0
9.5
LT
455EW
4.0
1
3
4
5
2
1.Input
3.4.Ground
2.Output
1.Input
3.4.5.Ground
2.Output
2.4
0.8
2
1
3
2.5 2.7 1.6
1.9
1
2
3 4
5
4
4
1.8
0.7
0.9
LT-455/450
U/W,LTM-455/450
U/W Series
The LT-455&LTM-455 series ceramic
filter is the miniature profile filter for
communication use.
FEATURES
Low Cost
Communication Use
Low Profile
Excellent Temperature Stability
High Durability
Electrical Specifications
Part Number
Center
Frequency
(Khz)
Insertion
Loss
(dB)max
Pass Band
Ripple
(dB)max
6dB
Band Width
(KHz)min
LT455BU/W
LT455CU/W
LT455DU/W
LT455EU/W
LT455FU/W
LT455GU/W
LT455HU/W
LT455IU/W
LT455HTU/W
LTM455BU/W
LTM455CU/W
LTM455DU/W
LTM455EU/W
LTM455FU/W
LTM455GU/W
LTM455HU/W
LTM455IU/W
LTM455HTU/W
455
2.0
455
2.0
455
1.5
455
1.5
455
1.5
455
1.5
455 1.0
455
1.0
455
1.0
4
4
4
6
6
6
6
6
6
2
2
2
2
2
2
2
2
2
15
12.5
10
7.5
6
4.5
3
2
3
30
24
20
15
12.5
10
9
7.5
9
30
24
20
15
12.5
10
9
7.5
9
Stop Band
Attenuation
fo
100KHz
(dB)min
Lt455
U
Lt455
W
28
28
28
28
28
28
28
28
35
40
40
40
40
40
40
40
40
60
Input/Output
impedance
()
1500
1500
1500
1500
2000
2000
2000
2000
2000
*Center Frequency 450KHz is Also Available
Mechanical Dimensions(mm)
Mechanical Dimensions(mm)
8.0
LT
455EU
2
3
1
4.0
11.0
LT
455E
W
4.0
1
2
3
4
5
1.Input
2.Ground
3.Output
1.Input
2.3.4.Ground
5.Output
0.8
2.7
2 1
3
2.9 2.9 2.6
0.8
1
2
3
4
5
Rg
S.S.G
R2
R F
V.M
1
2
3
4
Rg
S.S.G
R2
R F
C.M
1
2
3
4
Test Circuit
Characteristics
0
10
20
30
40
50
60
410 430 450 450 480 500
0
10
20
30
40
50
60
410 430 450 450
480 500
40dB
Band Width
(KHz)max
(Lt455
U)
50dB
Band Width
(KHz)max
(Lt455
U)
R1
LT455¡õU
LTM455¡õU
Rg+R1=R2=Input/Output Impedance
Rg+R1=R2=Input/Output Impedance
LT455¡õU
LTM455¡õU
R1
5
LT455BU LTM455BU
LT455EU LTM455EU
LT455HU LTM455HU
LT455BW LTM455BW
LT455EW LTM455EW
LT455HW LTM455HW
Frequency(KHz)
Frequency(KHz)


Similar Part No. - LT455BUW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT455BU ETC-LT455BU Datasheet
130Kb / 6P
   PIEZO-CERAMIC FILTER
logo
auris-GmbH
LT455BU AURIS-LT455BU Datasheet
130Kb / 1P
   Filter THT
logo
Shoulder Electronics Li...
LT455BU SHOULDER-LT455BU Datasheet
91Kb / 2P
   CERAMIC FILTER
logo
auris-GmbH
LT455BU AURIS-LT455BU Datasheet
196Kb / 1P
   Filter THT, Ceramic
LT455BU AURIS-LT455BU Datasheet
240Kb / 1P
   Filter SMD, Ceramic
More results

Similar Description - LT455BUW

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
logo
Wurth Elektronik GmbH &...
749023015 WURTH-749023015 Datasheet
273Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Bel Fuse Inc.
S560-6600-FU BEL-S560-6600-FU Datasheet
167Kb / 2P
   ELECTRICAL SPECIFICATIONS
S560-6600-GM BEL-S560-6600-GM Datasheet
118Kb / 2P
   ELECTRICAL SPECIFICATIONS
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
   ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
S1020L NJSEMI-S1020L Datasheet
1Mb / 2P
   Electrical Specifications
logo
ECS, Inc.
ECS-200-CDX-0778 ECS-ECS-200-CDX-0778 Datasheet
120Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
PowerDynamics, Inc
PD-L615P-B POWERDYNAMICS-PD-L615P-B Datasheet
39Kb / 1P
   ELECTRICAL SPECIFICATIONS
PD-L630P-B2 POWERDYNAMICS-PD-L630P-B2 Datasheet
107Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030_1 Datasheet
497Kb / 19P
   ELECTRICAL SPECIFICATIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com