Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP120 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TIP120
Description  NPN SILICON POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP120 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TIP120 Datasheet HTML 1Page - Bourns Electronic Solutions TIP120 Datasheet HTML 2Page - Bourns Electronic Solutions TIP120 Datasheet HTML 3Page - Bourns Electronic Solutions TIP120 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP120, TIP121, TIP122
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperatur e
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP120
TIP121
TIP122
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
IB =0
IB =0
IB =0
TIP120
TIP121
TIP122
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE =0
IE =0
IE =0
TIP120
TIP121
TIP122
0.2
0.2
0.2
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
2
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
IC = 0.5 A
IC = 3 A
(see Notes 5 and 6)
1000
1000
VCE(sat)
Collector-emitter
saturation voltage
IB = 12 mA
IB = 20 mA
IC = 3 A
IC = 5 A
(see Notes 5 and 6)
2
4
V
VBE
Base-emitter
voltage
VCE =
3 V
IC = 3 A
(see Notes 5 and 6)
2.5
V
VEC
Parallel diode
forward voltage
IE =
5 A
IB = 0
(see Notes 5 and 6)
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.92
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 3 A
VBE(off) = -5 V
IB(on) = 12 mA
RL = 10 Ω
IB(off) = -12 mA
tp = 20 µs, dc ≤ 2%
1.5
µs
toff
Turn-off time
8.5
µs
OBSOLET
E


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120 Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Diotec Semiconductor
TIP120 DIOTEC-TIP120 Datasheet
110Kb / 2P
   Si-Epitaxial Planar Darlington Power Transistors
logo
Nanjing International G...
TIP120 DGNJDZ-TIP120 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
TIP120 WEITRON-TIP120 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com