Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFUE0D391ER Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFUE0D391ER
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFUE0D391ER Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFUE0D391ER Datasheet HTML 1Page - Panasonic Semiconductor EEFUE0D391ER Datasheet HTML 2Page - Panasonic Semiconductor EEFUE0D391ER Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-14 –
Cap.
Polarity bar (Positive)
W.V. code
Lot No.
W1
L
P
P
+
[Our Requests]
Since this series is old, we don't recommend you to adopt it
but CX & SX series for your new design.
Features
● Low ESR
● Excellent Noise-absorbent Characteristics
● RoHS directive compliant
Surface Mount Type
Series:
FD, CD, UD, UE
Specifications
Dimensions in mm(not to scale)
Marking
Series &
Size Code
L±0.2 W1±0.2 W2±0.1
H
P±0.3
FD
7.3
4.3
2.4
1.1±0.1
1.3
CD
7.3
4.3
2.4
1.8±0.1
1.3
UD
7.3
4.3
2.4
2.8±0.2
1.3
UE
7.3
4.3
2.4
4.2±0.1
1.3
(Unit : mm)
✽ Externals of figure are the reference.
Series & Size Code
FD
CD
UD
UE
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC to 12.5 V.DC
2 V.DC to 16 V.DC
2 V.DC to 8 V.DC
2 V.DC to 8 V.DC
Nominal Cap.Range
15 μF to 68 μF
2.2 μF to 220 μF
68 μF to 470 μF
100 μF to 560 μF
Capacitance Tolerance
±20 %
DC Leakage Current
Reflow 240 °C : I
< 0.06 CV (μA) 2minutes (2 V.DC to 4 V.DC)
I
< 0.04 CV or 3 (μA) 2 minutes (6.3 V.DC to 16 V.DC) (Whichever is greater)
Reflow 260 °C : I
< 0.1 CV (μA) 2 minutes
tan d
< 0.06 (120 Hz/+20 °C)
<0.10 (120 Hz/+20 °C)
Surge Voltage
Rated Working Voltage
× 1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change
±10% of initial measured value
tan d
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change of
initial measurd value
2, 2.5 V.DC
4 V.DC
6.3 V.DC
8 V.DC to 16 V.DC
+70, –20 %
+60, –20 %
+50, –20 %
+40, –20 %
tan
d
< 200 % of initial specified value
DC leakage current
< Initial specified value
Old series
01 Aug. 2014


Similar Part No. - EEFUE0D391ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFUE0D391ER PANASONIC-EEFUE0D391ER Datasheet
90Kb / 3P
   Surface Mount Type
EEFUE0D391ER PANASONIC-EEFUE0D391ER Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFUE0D391ER PANASONIC-EEFUE0D391ER Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0D391ER PANASONIC-EEFUE0D391ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0D391ER PANASONIC-EEFUE0D391ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFUE0D391ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com