Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2814E Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2814E
Description  High Power and current handing capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2814E Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2814E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2814E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2814E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2814E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2814E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF2814E
DESCRIPTION
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SSF2814E
SSF2814E
TSSOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
ID
7
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
25
A
Maximum Power Dissipation
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
83
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
The SSF2814E uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V.
GENERAL FEATURES
V = 20V,I
DS
D = 7A
Schematic diagram
< 28mΩ @ V
RDS(ON)
GS=2.5V
< 26mΩ @ V
RDS(ON)
GS=3.1V
< 22mΩ @ V
RDS(ON)
GS=4V
R
< 20mΩ @ V
DS(ON)
GS=4.5V
ESD Rating:2000V HBM
High Power and current handing capability
Lead free product is acquired
Marking and pin Assignment
Surface Mount Package
Application
Battery protection
Load switch
Power management
TSSOP-8 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0


Similar Part No. - SSF2814E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2814E GOOD-ARK-SSF2814E Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2814EH2 SILIKRON-SSF2814EH2 Datasheet
538Kb / 7P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results

Similar Description - SSF2814E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com