Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7605PD Datasheet(PDF) 11 Page - NEC

Part # NDL7605PD
Description  1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7605PD Datasheet(HTML) 11 Page - NEC

Back Button NDL7605PD Datasheet HTML 4Page - NEC NDL7605PD Datasheet HTML 5Page - NEC NDL7605PD Datasheet HTML 6Page - NEC NDL7605PD Datasheet HTML 7Page - NEC NDL7605PD Datasheet HTML 8Page - NEC NDL7605PD Datasheet HTML 9Page - NEC NDL7605PD Datasheet HTML 10Page - NEC NDL7605PD Datasheet HTML 11Page - NEC NDL7605PD Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet P14039EJ2V0DS00
11
NDL7605P Series
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a
harmful substance if ingested. Please do not under any circumstances break the
hermetic seal.
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM
OUTPUT POWER
mW MAX
WAVELENGTH
nm
CLASS lllb LASER PRODUCT
AVOID EXPOSURE-Invisible
Laser Radiation is emitted from
this aperture
NEC Corporation
NEC Building, 7-1, Shiba 5-chome,
Minato-ku, Tokyo 108-01, Japan
Type number:
Manufactured:
Serial Number:
This product conforms to FDA
regulations as applicable
to standards 21 CFR Chapter 1.
Subchapter J.
SEMICONDUCTOR LASER


Similar Part No. - NDL7605PD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL7605P RENESAS-NDL7605P Datasheet
221Kb / 14P
   LASER DIODE
1999
More results

Similar Description - NDL7605PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com