Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSTG1608C1A Datasheet(PDF) 9 Page - OptoSupply International

Part # OSTG1608C1A
Description  1..6 x 0.8 x 0..4mm Pure Green SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTG1608C1A Datasheet(HTML) 9 Page - OptoSupply International

  OSTG1608C1A Datasheet HTML 1Page - OptoSupply International OSTG1608C1A Datasheet HTML 2Page - OptoSupply International OSTG1608C1A Datasheet HTML 3Page - OptoSupply International OSTG1608C1A Datasheet HTML 4Page - OptoSupply International OSTG1608C1A Datasheet HTML 5Page - OptoSupply International OSTG1608C1A Datasheet HTML 6Page - OptoSupply International OSTG1608C1A Datasheet HTML 7Page - OptoSupply International OSTG1608C1A Datasheet HTML 8Page - OptoSupply International OSTG1608C1A Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
http://www.optosupply.com
VER A.2
1
1..6
6 x
x 0
0..8
8 x
x 0
0..4
4m
mm
m P
Pu
ur
re
e G
Gr
re
ee
en
n
S
SM
MD
D
OSTG1608C1A
Ver.A.2
OPERATION LIFE TEST LUMINANCE RATE CURVE
Operating Life Test(If=5mA,Ta=25degC)
100.0%
100.3%
98.2%
96.8%
0%
20%
40%
60%
80%
100%
120%
0
168
500
1000
Time(Hours)
IV%
TG
*Burn-in condition: 5mA
*Projection of Statistical Average Light Output Degradation Performance for LED Technology
Extrapolated from OptoSupply QA Dept. Test Data.
*According to OptoSupply outgoing Packaged Products Specification
*MTBF:50,000hrs, 90% Confidence (A Failure is Any LED Which is Open, shorted or fails to
Emit Light)
*The Projected Data is Base on The Feature of LED Itself Under Normal Operation Conditions.
*Any Improper Circuit Design or External Factors Might Cause a Different Result.
LED & Application Technologies


Similar Part No. - OSTG1608C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTG0603C1A OPTOSUPPLY-OSTG0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSTG0603C1A OPTOSUPPLY-OSTG0603C1A Datasheet
391Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
More results

Similar Description - OSTG1608C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX1608C1A OPTOSUPPLY-OSXX1608C1A Datasheet
624Kb / 14P
   1..6 x 0..8 x 0..4mm SMD
OSXX0603C1E OPTOSUPPLY-OSXX0603C1E Datasheet
449Kb / 7P
   1..6 x 0..8 x 0..6mm SMD
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
   1.6 x 0.8 x 0.45mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
   1.6 x 0.8 x 0.4mm SMD
OSR50603C1C OPTOSUPPLY-OSR50603C1C Datasheet
444Kb / 7P
   1.6 x 0.8 x 0.55mm SMD
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
OSTB0603C1A-A_N OPTOSUPPLY-OSTB0603C1A-A_N Datasheet
228Kb / 4P
   1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com