Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECP-U1C105MA5 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECP-U1C105MA5
Description  Stacked Metallized Plastic Film Chip Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECP-U1C105MA5 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECP-U1C105MA5 Datasheet HTML 1Page - Panasonic Semiconductor ECP-U1C105MA5 Datasheet HTML 2Page - Panasonic Semiconductor ECP-U1C105MA5 Datasheet HTML 3Page - Panasonic Semiconductor ECP-U1C105MA5 Datasheet HTML 4Page - Panasonic Semiconductor ECP-U1C105MA5 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.0
0.5
1.0
1.5
2.0
10
100
1000
1.0 uF
0.68 uF
0.47 uF
0.33 uF
0.22 uF
0.15 uF
0.10 uF
0.068 uF
0.047 uF
0.033 uF
0.022 uF
0.018 uF
0.015 uF
0.010 uF
ECPU (A) Type
DC16V series
Applicable Specifications
(Stacked Metallized Film)
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
dv/dt(V/us)
19
15
13
10
7
5
3
Capacitance
Value(uF)
0.10
0.15
0.22
0.33
0.47
0.68
1.0
Code
104
154
224
334
474
684
105
Rating
Voltage
DC
16V
Current(
0-P)
(A)
1.9
2.3
2.9
3.3
3.3
3.4
3.0
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Permissible Voltage
0.1
1
10
100
10
100
1000
0.10 uF
0.15 uF
0.22 uF
0.33 uF
0.47 uF
0.68 uF
1.0 uF
(at sine wave)
Frequency (kHz)
Permissible Current
Frequency (kHz)
Voltage Derating by Temperature
0
4
8
12
16
20
-60 -40 -20 0
20 40 60 80 100 120 140
Surface Temperature of Capacitor(DegreeC)


Similar Part No. - ECP-U1C105MA5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECP-U1C105MA5 PANASONIC-ECP-U1C105MA5 Datasheet
166Kb / 4P
   Stacked Metallized Plastic Film Chip Capacitor
More results

Similar Description - ECP-U1C105MA5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECP-U1C105MA5 PANASONIC-ECP-U1C105MA5 Datasheet
166Kb / 4P
   Stacked Metallized Plastic Film Chip Capacitor
ECQ-V1H225JL PANASONIC-ECQ-V1H225JL Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Chip Capacitor
ECPU1C104MA5 PANASONIC-ECPU1C104MA5_16 Datasheet
60Kb / 2P
   Stacked Metallized Plastic Film Chip Capacitor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H154JL2 PANASONIC-ECQ-V1H154JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H224JL3 PANASONIC-ECQ-V1H224JL3 Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com