Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2610E Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2610E
Description  High Power and current handing capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2610E Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2610E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2610E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2610E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2610E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2610E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF2610E
Drain-Source Breakdown Voltage
BV
V =0V I
DSS
GS
D=250μA
20
V
Zero Gate Voltage Drain Current
I
V =20V,V =0V
1
μA
DSS
DS
GS
V =±4.5V,V =0V
±100
nA
GS
DS
Gate-Body Leakage Current
IGSS
V =±10V,V =0V
±10
uA
GS
DS
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=250μA
0.6
0.75
1
V
V =4.5V, I
GS
D=8A
11
14
mΩ
VGS=2.5V, ID=6.5A
14
18
mΩ
Drain-Source On-State Resistance
RDS(ON)
V =1.8V, I
GS
D=6A
20
23
mΩ
Forward Transconductance
g
V =10V,I
FS
DS
D=6.5A
5
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
600
PF
lss
Output Capacitance
Coss
330
PF
V =8V,V
DS
GS=0V,
F=1.0MHz
140
PF
Reverse Transfer Capacitance
Crss
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
10
20
nS
d(on)
Turn-on Rise Time
t
11
25
nS
r
Turn-Off Delay Time
td(off)
35
70
nS
V =10V,I
DD
D=1A
V =4.5V,R
Turn-Off Fall Time
tf
GS
GEN=6Ω
30
60
nS
Total Gate Charge
Q
10
15
nC
g
Gate-Source Charge
Qgs
2.3
nC
V =10V,I
Gate-Drain Charge
Qgd
DS
D=8A,
=4.5V
VGS
3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =1.5A
0.84
1.2
V
SD
GS
S
NOTES:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on 1in2 FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.0


Similar Part No. - SSF2610E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2616E SILIKRON-SSF2616E Datasheet
605Kb / 7P
   Battery protection
logo
GOOD-ARK Electronics
SSF2616E GOOD-ARK-SSF2616E Datasheet
723Kb / 6P
   20V Dual N-Channel MOSFET
SSF2616E GOOD-ARK-SSF2616E_15 Datasheet
723Kb / 6P
   20V Dual N-Channel MOSFET
More results

Similar Description - SSF2610E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
   High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com