Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P4K Datasheet(PDF) 3 Page - NEC

Part # NDL7408P4K
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7408P4K Datasheet(HTML) 3 Page - NEC

  NDL7408P4K Datasheet HTML 1Page - NEC NDL7408P4K Datasheet HTML 2Page - NEC NDL7408P4K Datasheet HTML 3Page - NEC NDL7408P4K Datasheet HTML 4Page - NEC NDL7408P4K Datasheet HTML 5Page - NEC NDL7408P4K Datasheet HTML 6Page - NEC NDL7408P4K Datasheet HTML 7Page - NEC NDL7408P4K Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL7408P Series
ORDERING INFORMATION
NDL7408
P
P1
P2
: No Flange
: Flat Mount Flange
: Vertical Mount Flange
K
L
: 1.0 mW
: 0.2 mW
No suffix
C
D
: Without Connector
: With FC-PC Connector
: With SC-PC Connector
Part Number
Ranks
Description
NDL7408PK
M
1.0 mW
Without Connector
NDL7408PKC
No Flange
With FC-PC Connector
NDL7408PKD
With SC-PC Connector
NDL7408P1K
M
1.0 mW
Without Connector
NDL7408P1KC
Flat Mount Flange
With FC-PC Connector
NDL7408P1KD
With SC-PC Connector
NDL7408P2K
M
1.0 mW
Without Connector
NDL7408P2KC
Vertical Flange
With FC-PC Connector
NDL7408P2KD
With SC-PC Connector
NDL7408P4K
M
1.0 mW
Without Connector
NDL7408P4KC
8-pin DIP
With FC-PC Connector
NDL7408P4KD
With SC-PC Connector
NDL7408PL
N
0.2 mW
Without Connector
NDL7408PLC
No Flange
With FC-PC Connector
NDL7408PLD
With SC-PC Connector
NDL7408P1L
N
0.2 mW
Without Connector
NDL7408P1LC
Flat Mount Flange
With FC-PC Connector
NDL7408P1LD
With SC-PC Connector
NDL7408P2L
N
0.2 mW
Without Connector
NDL7408P2LC
Vertical Flange
With FC-PC Connector
NDL7408P2LD
With SC-PC Connector
NDL7408P4L
N
0.2 mW
Without Connector
NDL7408P4LC
8-pin DIP
With FC-PC Connector
NDL7408P4LD
With SC-PC Connector


Similar Part No. - NDL7408P4K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7408P4K CEL-NDL7408P4K Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P4K RENESAS-NDL7408P4K Datasheet
209Kb / 10P
   LASER DIODE
1994
logo
California Eastern Labs
NDL7408P4KC CEL-NDL7408P4KC Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P4KC RENESAS-NDL7408P4KC Datasheet
209Kb / 10P
   LASER DIODE
1994
logo
California Eastern Labs
NDL7408P4KD CEL-NDL7408P4KD Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
More results

Similar Description - NDL7408P4K

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com