Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD14013 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD14013
Description  Dual D-type Flip Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14013 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD14013 Datasheet HTML 1Page - Hitachi Semiconductor HD14013 Datasheet HTML 2Page - Hitachi Semiconductor HD14013 Datasheet HTML 3Page - Hitachi Semiconductor HD14013 Datasheet HTML 4Page - Hitachi Semiconductor HD14013 Datasheet HTML 5Page - Hitachi Semiconductor HD14013 Datasheet HTML 6Page - Hitachi Semiconductor HD14013 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD14013

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
HD14012 HITACHI-HD14012 Datasheet
61Kb / 6P
   Dual 4-input NAND Gate
HD14012B HITACHI-HD14012B Datasheet
61Kb / 6P
   Dual 4-input NAND Gate
HD14014 HITACHI-HD14014 Datasheet
72Kb / 5P
   8-bit Static Shift Register
HD14014B HITACHI-HD14014B Datasheet
72Kb / 5P
   8-bit Static Shift Register
More results

Similar Description - HD14013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com