Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

010008328 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 010008328
Description  NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

010008328 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  010008328 Datasheet HTML 1Page - Molex Electronics Ltd. 010008328 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98817-1028
Status:
Active
Overview:
NSCC - New Standard Casing Contact
Description:
NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC, Wire to
Wire, 2 Circuits, Gray
Documents:
3D Model
Application Specification AS-98821-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-98821-001 (PDF)
General
Product Family
Crimp Housings
Series
98817
Application
Power, Wire-to-Wire
Application Tooling Part Link
63813-3800
Overview
NSCC - New Standard Casing Contact
Product Name
NSCC
UPC
822348761371
Physical
Breakaway
No
Circuits (maximum)
2
Circuits Detail
2 x 1.5mm female terminals
Color - Resin
Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
1.640/g
Number of Rows
1
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
3.33mm
Pitch - Termination Interface
3.33mm
Polarized to Mating Part
Yes
Ports
1
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
10A
Material Info
Old Part Number
010008328
Reference - Drawing Numbers
Application Specification
AS-98821-001
Product Specification
PS-98821-001
Sales Drawing
SD-98815-002, SD-98817-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98817Series
Mates With
98822-1028 (Male Receptacle Housing)
Use With
Female Terminal NSCC 98897-1109 ,
98897-1119 , 98897-1129 or FCI Female
Terminal 1.5 Sicma 3
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool for
Unsealed Receptacle
Connectors
0638133800


Similar Part No. - 010008328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010008 ETC2-010008 Datasheet
54Kb / 1P
   Packaged part Bulk part
More results

Similar Description - 010008328

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98816-1018 MOLEX11-98816-1018 Datasheet
48Kb / 1P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1030 MOLEX11-98817-1030 Datasheet
50Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1035 MOLEX11-98817-1035 Datasheet
52Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1045 MOLEX11-98817-1045 Datasheet
57Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1025 MOLEX11-98817-1025 Datasheet
52Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1021 MOLEX11-98817-1021 Datasheet
54Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1040 MOLEX11-98817-1040 Datasheet
47Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1031 MOLEX11-98817-1031 Datasheet
51Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1041 MOLEX11-98817-1041 Datasheet
60Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
98817-1020 MOLEX11-98817-1020 Datasheet
50Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com