Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSUP-350-12T Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSUP-350-12T
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSUP-350-12T Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSUP-350-12T Datasheet HTML 1Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 2Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 3Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 4Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 5Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 6Page - Wall Industries,Inc. PSUP-350-12T Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. B
PSUP350 SERIES
90~264VAC (127~370VDC) Input
Single Output
Up to 351 Watts
AC/DC Switching Power Supplies
FEATURES
 Single Output
 DC Fan
 Withstand 2G Vibration Test
 RoHS Compliant
 Active AC Surge Current Limiting
 Power OK Signal
 Remote Voltage Sense
 2 Modes for Remote On/Off Control
 High Efficiency and High Reliability
 High Power Density 6.4w/in3
 All Using 105°C Long Life Electrolytic Capacitors
 Universal AC Input Voltage Range
 300W with Free Air Convection
 350W with 10.5CFM Forced Air
 High Operating Temperature up to 65°C
 Two Different Output Connector Options Available
 Short Circuit, Over Voltage, Over Load, and Over
Temperature Protection
DESCRIPTION
The PSUP350 series of AC/DC switching power supplies offers 300W with free air convection and 350W with 10.5CFM
forced air. These supplies are housed in a low-profile 9.09 x 4.0 x 1.50 inch U-chassis frame. These supplies have a
90~264VAC (127~370VDC) input voltage range and provide single outputs ranging from 12VDC to 48VDC. Standard
features include active power-factor-correction, remote on/off, remote voltage sense, power OK signal, and comprehensive
over voltage, short circuit, over load, and over temp. protection. There are two different output connector options available
for this series (Type C and Type T). All models are RoHS compliant and have UL/cUL, TUV, CE, and CB approvals.


Similar Part No. - PSUP-350-12T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSUP-200-12C WALL-PSUP-200-12C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-12T WALL-PSUP-200-12T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15C WALL-PSUP-200-15C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15T WALL-PSUP-200-15T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-24C WALL-PSUP-200-24C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSUP-350-12T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com