Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPRL1103MF-48 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPRL1103MF-48
Description  Medical AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL1103MF-48 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPRL1103MF-48 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 5Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 6Page - Wall Industries,Inc. PSPRL1103MF-48 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. A
PSPRL1103M Series
150~300 Watts
PFC, Single Outputs
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 7
MODEL SELECTION TABLES
U-CHASSIS MODELS (TYPE “U”)
Output Current
Output Power
(2)
Model Number
(1)
Input Voltage Range
Output Voltage
(1)
Preset Voltage
(1)
Convection
Forced Air
Convection
Forced Air
PSPRL1103MU-12
12 ~ 13.8 VDC
12 VDC
12.5A
25A
150W
300W
PSPRL1103MU-15
14 ~ 16 VDC
15 VDC
10A
20A
150W
300W
PSPRL1103MU-24
23 ~ 28 VDC
24 VDC
6.25A
12.5A
150W
300W
PSPRL1103MU-36
35 ~ 43 VDC
36 VDC
4.17A
8.33A
150W
300W
PSPRL1103MU-48
90 ~ 264 VAC
44 ~ 52 VDC
48 VDC
3.125A
6.25A
150W
300W
ENCLOSED WITH REAR-SIDE BUILT-IN FAN MODELS (TYPE “E”)
Model Number
(1)
Input Voltage Range
Output Voltage
(1)
Preset Voltage
(1)
Output Current
Output Power
(2)
PSPRL1103ME-12
12 ~ 13.8 VDC
12 VDC
25A
300W
PSPRL1103ME-15
14 ~ 16 VDC
15 VDC
20A
300W
PSPRL1103ME-24
23 ~ 28 VDC
24 VDC
12.5A
300W
PSPRL1103ME-36
35 ~ 43 VDC
36 VDC
8.33A
300W
PSPRL1103ME-48
90 ~ 264 VAC
44 ~ 52 VDC
48 VDC
6.25A
300W
ENCLOSED WITH TOP-SIDE BUILT-IN FAN MODELS (TYPE “F”)
Model Number
(1)
Input Voltage Range
Output Voltage
(1)
Preset Voltage
(1)
Output Current
Output Power
(2)
PSPRL1103MF-12
12 ~ 13.8 VDC
12 VDC
25A
300W
PSPRL1103MF-15
14 ~ 16 VDC
15 VDC
20A
300W
PSPRL1103MF-24
23 ~ 28 VDC
24 VDC
12.5A
300W
PSPRL1103MF-36
35 ~ 43 VDC
36 VDC
8.33A
300W
PSPRL1103MF-48
90 ~ 264 VAC
44 ~ 52 VDC
48 VDC
6.25A
300W
NOTES
1. All output ranges are covered in agency certifications and the preset voltage will be set as standard models if nothing different is requested. If desired
preset output does not appear, please contact factory.
2. PSPRL1103MU Models (U-Chassis): Needs 25CFM min. forced airflow to achieve 300W maximum power.
PSPRL1103ME Models (Enclosed with rear-side built-in fan): 300W max. with built-in fan airflow.
PSPRL1103MF Models (Enclosed with top-side built-in fan): 300W max. with built-in fan airflow.
3. Provides peak power to 600W within 500µs for all models; for longer duty duration must contact manufacturer.
4. 1% minimum load is required to maintain the ripple and regulation specifications.
5. Output is fully isolated.
DERATING CURVE
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0


Similar Part No. - PSPRL1103MF-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0602D WALL-PSPRL0602D Datasheet
328Kb / 4P
   AC/DC Switching Power Supply
PSPRL0602N WALL-PSPRL0602N Datasheet
774Kb / 8P
   AC/DC Switching Power Supplies
PSPRL0801 WALL-PSPRL0801 Datasheet
496Kb / 5P
   AC/DC Switching Power Supplies
PSPRL0801D WALL-PSPRL0801D Datasheet
687Kb / 6P
   AC/DC Switching Power Supply
PSPRL0801Dx-0512 WALL-PSPRL0801Dx-0512 Datasheet
687Kb / 6P
   AC/DC Switching Power Supply
More results

Similar Description - PSPRL1103MF-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
   Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com