Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSUP-350-24C Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSUP-350-24C
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSUP-350-24C Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSUP-350-24C Datasheet HTML 1Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 2Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 3Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 4Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 5Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 6Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. B
PSUP350 Series
Single Output
Up to 351 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 7
SPECIFICATIONS: PSUP350 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range (see note 3)
90 ~ 264VAC (127 ~ 370VDC)
Input Frequency
47 ~ 63Hz
AC Current (typical)
4A @ 115VAC; 2A @ 230VAC
Inrush Current (typical)
22A @ 115VAC; 44A @ 230VAC
Remote Voltage Sense (see page 6)
Compensates for wire voltage drop
Remote On/Off (see page 6)
2 modes setup for remote on/off
Power Factor (typical)
yes
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Output Voltage Adjustability
±10%
Voltage Tolerance (see note 2)
±2%
Load Regulation
±2%
Line Regulation
±1%
Output Current
See Table
Ripple & Noise (see note 1)
150mVp-p
Setup, Rise Time
550ms at full load, 30ms at full load
Hold-Up Time (typical)
16ms @ 230VAC and full load
Temperature Coefficient
±0.03% / °C (0 ~ 50°C)
PROTECTION
Short Circuit Protection
yes
Over Voltage Protection
115% ~ 150% rated output voltage
Protection type: latch-off mode
Over Load Protection
> 105% rated output power
Protection type: constant current limiting. For output voltage less than 50% rated DC voltage
range the unit will shutdown after 500ms.
Over Temperature Protection
90°C ±5°C with N2; 90°C ±5°C with TH1 sense near D26 heatsink
GENERAL SPECIFICATIONS
Efficiency
See Table
Withstand Voltage
4242VDC (input to output); 2121VDC (input to FG) for 1 minute
Isolation Resistance
100MΩ @ 500VDC (input to output, input to FG, output to FG)
Leakage Current
< 2mA @ 230VAC
Power OK Signal (see page 6)
Open drain. 30VDC / 0.1A max.
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-20°C to +65°C (see output load derating curve)
Storage Temperature
-40°C to +85°C
Working Humidity
20% to 90% RH (non-condensing)
Storage Humidity
10% to 95% RH
Vibration
10 ~ 500Hz, 2G 10 min./1cycle, period for 60 min. for each along X, Y, Z axes
Cooling
Free air convection for 300W; 10.5CFM fan for 350W
PHYSICAL SPECIFICATIONS
Weight, Packing
37.4oz (1060g); 16pcs/12.5kg
Dimensions (L x W x H)
9.09 x 4.0 x 1.50 inches (231 x 101.5 x 38 mm)
C Type Models
Input: 5P / 3.96mm pitch; Output: 9Px2 / 3.96mm pitch
Connection (see note 6)
T Type Models
Input: 5P / 3.96mm pitch; Output: 6P / 9.5mm terminal block with cover
SAFETY & EMC (see note 4)
Safety Standards
UL60950-1, 2nd Edition, TUV EN60950-1: 2006+A11 Approved
EMI Conduction & Radiation
EN55022: 2006 Class B
Harmonic Current
EN61000-3-2: 2006 Class A, EN61000-3-3: 1995+A1: 2001+A2: 2005
EMS Immunity
EN61204-3: 2000, EN55024: 1998+A1: 2001+A2: 2003 light industry level, criteria A


Similar Part No. - PSUP-350-24C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSUP-200-12C WALL-PSUP-200-12C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-12T WALL-PSUP-200-12T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15C WALL-PSUP-200-15C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15T WALL-PSUP-200-15T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-24C WALL-PSUP-200-24C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSUP-350-24C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com